Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
Data Sheet
ADIN1111
THEORY OF OPERATION
analog.com
Rev. A | 12 of 109
which PHY is the leader and which is the follower. Leader and
follower assignment does not generally matter.
Software Configuration
The leader and follower configuration bit (CFG_MST) is used to
configure the PHY role. This bit is only used when autonegotiation
is disabled. Otherwise, this bit is set or reset during the autonego-
tiation process (see the Autonegotiation section).
Table 8. CFG_MST Settings
Bit Setting
Description
0
Prefer follower
1
Prefer leader
AUTONEGOTIATION
The ADIN1111 uses the autonegotiation capability in accordance
with IEEE 802.3 Clause 98, providing a mechanism for exchanging
information between PHYs to allow link partners to agree to a
common mode of operation. During the autonegotiation process,
the PHY advertises its own capabilities and compares to those
received from the link partner. The concluded operating mode is the
transmit amplitude mode and leader/follower preference common
across the two devices.
If a link is dropped, the autonegotiation process restarts automati-
cally. An autonegotiation restart can also be requested by writing
to the autonegotiation restart bit (AN_RESTART) in the autonego-
tiation control register.
The autonegotiation process takes some time to complete, depend-
ing on the number of pages exchanged, but is always the fastest
way to bring up a link. Clause 98 of the IEEE 802.3 standard details
the timers related to autonegotiation.
Note that autonegotiation is enabled by default for the ADIN1111,
and it is strongly recommended that autonegotiation is always
enabled.
Transmit Amplitude Resolution
Autonegotiation is used to resolve the transmit amplitude resolution.
The PHY can be configured to support both 1.0 V p-p and 2.4 V
p-p transmit levels or to operate with 1.0 V p-p transmit level only
through the hardware configuration (see Table 14). This configura-
tion can also be done in software using the 10BASE-T1L high level
transmit operating mode ability (AN_ADV_B10L_TX_LVL_HI_ABL)
and 10BASE-T1L high level transmit operating mode request
(AN_ADV_B10L_TX_LVL_HI_REQ) register bits.
To operate at 2.4 V p-p transmit level, both the local and remote
PHYs must advertise that they are capable of operating at 2.4
V, and at least one PHY must request 2.4 V p-p transmit level
operation.
If it is required to only operate the PHY at 1.0 V p-p transmit
level operation, AN_ADV_B10L_TX_LVL_HI_ABL must be 0 so
that 2.4 V p-p transmit level operation is not advertised. In this
case, autonegotiation can only resolve to 1.0 V p-p transmit level
operation, irrespective of what setting the remote PHY advertises.
Leader/Follower Resolution
Autonegotiation is also used to resolve leader or follower status.
The PHY can be configured to prefer follower or prefer leader
through the hardware configuration (see Table 13). If autonegotia-
tion is disabled, the MS_SEL hardware configuration pin sets the
default leader/follower selection. Note that the recommended use of
the ADIN1111 is with autonegotiation enabled.
During autonegotiation, when prefer follower is selected, and the
remote end is prefer or forced leader, the local PHY is set to
follower (and remote to leader). When the remote end is prefer
or forced follower, the local PHY is set to leader (and remote to
follower).
MDI CIRCUITRY
The media dependent interface (MDI) connects the ADIN1111 to the
Ethernet network via a twisted wire pair.
The ADIN1111 provides a two pin MDI with internal termination
resistors and an internal hybrid to connect the ADIN1111 to the
Ethernet network directly via a twisted wire pair.
Figure 10, Figure 11 and Figure 12 show the topologies and values
for the components.
The component values are as follows:
►
D1, D2: protection components low capacitance (<5 pF), low-
voltage (standoff voltage ≥3.3 V) TVS.
►
C1, C2: 0.22 µF, 60 V rating. If a transformer with low inductance
is 350 µH, then C1 and C2 may need to increase to 0.47 µF (to
comply with droop specification per IEEE 802.3).
►
R7, R8: optional resistors preventing built up charge on the C1
and C2 capacitors (100 kΩ to ~ MΩ).
►
C3, C4: 47 pF to 100 pF, ±5% tolerance.
►
D3: protection component low capacitance TVS (≤100 pF). It is
important that the TVS diode has low capacitance.
►
L1 transformer: provides galvanic isolation.
►
Must be able to operate in the frequency range from 100 kHz
to 20 MHz.
►
Inductance > 350 µH.
►
L2 common-mode inductor: ≥220 µH, low-leakage inductance
<0.5 µH.
►
L3 power inductor: power coupling for advanced physical layer
(APL) and non APL devices.
►
APL: >880 µH differentially to achieve 10% max droop.
►
Recommended >220 µH coupled inductor (two inductors on
a common magnetic core).
►
Or two >440 µH individual inductors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com