Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
Data Sheet
ADIN1111
HARDWARE CONFIGURATION PINS
analog.com
Rev. A | 17 of 109
Transmit Amplitude
The TX2P4_EN hardware configuration pin allows the user to
configure the required transmit amplitude mode for the intended ap-
plication (see Table 14). If TX2P4_EN is pulled low, the ADIN1111
is configured by default to support both 1.0 V p-p and 2.4 V p-p
transmit levels, decided by autonegotiation. If TX2P4_EN is pulled
high, the ADIN1111 is configured to disable 2.4 V p-p transmit
operating mode by default and operate with 1.0 V p-p transmit
level only. If the TX2P4_EN pin is strapped high (1.0 V p-p only),
the associated register cannot be changed through the SPI. For
example, 2.4 V p-p operation is not possible if the ADIN1111 is
hardware pin configured for 1.0 V p-p only.
The 1.0 V p-p transmit operating mode can operate at a lower
AVDD_H supply voltage of 1.8 V.
The higher transmit operating mode of 2.4 V p-p requires a higher
AVDD_H supply voltage of 3.3 V. This mode can be used for longer
cable lengths in industrial Ethernet environments with high noise
levels.
Table 14. Transmit Amplitude Configuration (Hardware Configuration)
Transmit Amplitude Selection
TX2P4_EN
1.0 V p-p or 2.4 V p-p
0
1.0 V p-p
1
SPI Protocol Configuration
The ADIN1111 allows the use of a generic SPI protocol with or
without the use of CRC, or the OPEN Alliance SPI protocol with or
without protection.
Table 15. SPI Protocol (Hardware Configuration)
SPI Protocol
SPI_CFG1
SPI_CFG0
OPEN Alliance with Protection
0
0
OPEN Alliance Without Protection
0
1
Generic SPI with 8-bit CRC
1
0
Generic SPI Without 8-bit CRC
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com