Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 109 page
background image
Data Sheet
ADIN1111
MAC SPI
analog.com
Rev. A | 38 of 109
Transmit Data Header
Table 36. Transmit Data Header
D31
D30
D29
D28 to D24
D23 to D22
D21
D20
D19 to D16
D15
D14
D13 to D8
D7 to D6
D5 to D1
D0
1
SEQ
NORX
RSVD
VS
DV
SV
SWO
RSVD
EV
EBO
TSC
RSVD
P
See the following definitions:
►
SEQ: data chunk sequence. The sequence functionality is not
supported by the ADIN1111. This bit must be set to 0.
►
NORX: no receive flag. The SPI host can set this bit to indicate
to the MAC-PHY that it does not process receive frame data that
is in the current receive data chunk. For normal operation, set
NORX to 0 to indicate that it accepts and process any receive
frame data within the current chunk.
►
VS: vendor specific bits. This two bits need to be set to 00 by the
host.
►
DV: data valid flag. The SPI host uses this bit to indicate if the
current chunk contains valid transmit data (DV = 1) or not. When
this bit is 0, the MAC-PHY ignores the chunk payload.
►
SV: start valid flag. When this bit is 1, the beginning of an
Ethernet frame is present in the current transmit data chunk
payload. The SV bit is not to be confused with the start of frame
delimiter (SFD) byte described in IEEE Standard 802.3.
►
SWO: start word offset. When SV is 1, this field contains the
32-bit word offset into the transmit data chunk payload that
points to the start of the new Ethernet frame. If SV is 0, the host
must write this field as 0.
►
EV: end valid flag. When this bit is 1, the end of an Ethernet
frame is present in the current transmit data chunk payload.
►
EBO: end byte offset. When EV is 1, this field contains the byte
offset into the transmit data chunk payload that points to the last
byte of the Ethernet frame to transmit. If EV is 0, the host must
write this field as 0.
►
TSC: time stamp capture. Request a time stamp capture when
the frame is transmitted onto the network. See the following:
►
00: no action.
►
01: capture in the pair of TTSCAL and TTSCAH registers. The
TTSCAA bits in the STATUS0 register assert when captured.
►
10: capture in the pair of TTSCBL and TTSCBH registers. The
TTSCAB bits in the STATUS0 register assert when captured.
►
11: capture in the pair of TTSCCL and TTSCCH registers. The
TTSCAC bits in the STATUS0 register assert when captured.
►
P: parity. Parity bit calculated over the transmit data header.
Method is odd parity.
►
RSVD: reserved. Always set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com