Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 109 page
background image
Data Sheet
ADIN1111
MAC SPI
analog.com
Rev. A | 33 of 109
Table 31. Control Write Transaction with CRC
MSB
LSB
D103
D102
D101
D100 to D88
D87 to D80
D79 to D48
D47 to D40
D39 to D8
D7 to D0
SDI
1
0
R/W
ADDR[12:0]
CRC[7:0]
DATA0[31:0]
CRC[7:0]
DATA1[31:0]
CRC[7:0]
Table 32. Control Read Transaction with CRC
MSB
LSB
D111
D110
D109
D108 to D96
D95 to D88
D87 to D80
D79 to D48
D47 to D40
D39 to D8
D7 to D0
SDI
1
0
R/W
ADDR[12:0]
CRC[7:0]
TA[7:0]
0
0
0
0
SDO
DATA0[31:0]
CRC[7:0]
DATA1[31:0]
CRC[7:0]
Table 33. Data Write Transaction with CRC
MSB
LSB
D87
D86
D85
D84 to D72
D71 to D64
D63 to D32
D31 to D0
SDI
1
0
R/W
ADDR[12:0]
CRC[7:0]
DATA0[31:0]
DATA1[31:0]
Table 34. Data Read Transaction with CRC
MSB
LSB
D95
D94
D93
D92 to D80
D79 to D72
D71 to D64
D63 to D32
D31 to 0
SDI
1
0
R/W
ADDR[12:0]
CRC[7:0]
TA[7:0]
0
0
SDO
DATA0[31:0]
DATA1[31:0]
The generic SPI protocol is half duplex. Therefore, it is not possible
to write frame data into the MAC_TX register and read from the
MAC_RX register at the same time. Because of this, the SPI SCLK
frequency must be 25 MHz to achieve full duplex transmissions on
Ethernet at 10 Mbps.
MAC Frame: Transmit and Receive
The 2-byte frame header shown in Table 35 is appended to all
transmitted and received frames. This always precedes the frame
data (see Figure 26).
Time Stamp Capture
On receive, if TIME_STAMP_PRESET is asserted, an additional
4-byte or 8-byte time stamp is provided after the 2-byte header in
Table 35 and before the data frame. This time stamp can then be
stored or discarded by software when reading the receive FIFO.
On transmit, if EGRESS_CAPTURE is set other than 00, the
ADIN1111 captures the time stamp of the transmitted frame into the
respective TTSCxH and TTSCxL registers.
To capture time stamps, enable the counter by setting TS_EN
(TS_CFG register) to 1 and setting FTSE (CONFIG0 register) to 1.
Transmit Frame over SPI
The following sequence must be followed when using the generic
SPI protocol in store and forward mode:
1. The device defaults to operating in store and forward mode.
2. Verify that there is space for the frame by reading the transmit
FIFO space register. The MAC internally appends a 2-byte size
field to the frame in the FIFO, so ensure that there is sufficient
space for the Ethernet frame plus 2-byte header plus 2-byte
size field.
3. Write the size of the frame in bytes including the 2-byte header
to the MAC transmit frame size register. If the host has append-
ed a frame check sequence (FCS) to the frame, this is also
included in the size.
4. Write the frame data including the 2-byte frame header to the
transmit FIFO using MAC transmit register. The first byte for
transmission is written to TXD, Bits[31:24]. The full frame can
be written in a single burst or split up into multiple smaller burst
writes. The burst write data must always be in multiples of 4
bytes, that is, the last word (4 bytes) can contain between 1
byte and 4 bytes of valid data.
5. When the end of frame (EOF) byte of a frame is read from the
transmit FIFO, the bit transmit ready asserts, and an interrupt
triggers if the TX_RDY_MASK is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com