Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 83 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 85Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 86Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 83 of 109
PCS MMD Devices in Package 1 Register
Device Address: 0x03; Register Address: 0x0005, Reset: 0x008B, Name: PCS_DEVS_IN_PKG1
Table 147. Bit Descriptions for PCS_DEVS_IN_PKG1
Bits
Bit Name
Description
Reset
Access
[15:0]
PCS_DEVS_IN_PKG1
PCS MMD Devices in Package. Clause 22 registers and PMA/PMD, PCS, and autonegotiation
MMDs are present.
0x8B
R
PCS MMD Devices in Package 2 Register
Device Address: 0x03; Register Address: 0x0006, Reset: 0xC000, Name: PCS_DEVS_IN_PKG2
Vendor Specific Device 1 and Vendor Specific Device 2 MMDs are present.
Table 148. Bit Descriptions for PCS_DEVS_IN_PKG2
Bits
Bit Name
Description
Reset
Access
[15:0]
PCS_DEVS_IN_PKG2
PCS MMD Devices in Package. Vendor Specific Device 1 and Vendor Specific Device 2 MMDs
present
0xC000
R
PCS Status 2 Register
Device Address: 0x03; Register Address: 0x0008, Reset: 0x8000, Name: PCS_STAT2
Table 149. Bit Descriptions for PCS_STAT2
Bits
Bit Name
Description
Reset
Access
[15:14]
PCS_PRESENT
PCS Present. Indicates that the PCS is present and responding.
0x2
R
[13:0]
RESERVED
Reserved.
0x0
R
10BASE-T1L PCS Control Register
Device Address: 0x03; Register Address: 0x08E6, Reset: 0x0000, Name: B10L_PCS_CNTRL
This address corresponds to the 10BASE-T1L PCS control register specified in Clause 45.2.3.68a of Standard 802.3cg.
Table 150. Bit Descriptions for B10L_PCS_CNTRL
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R/W SC
14
B10L_LB_PCS_EN
PCS Loopback Enable. When set to 1, this bit enables the 10BASE-T1L PCS loopback.
0x0
R/W
[13:0]
RESERVED
Reserved.
0x0
R
10BASE-T1L PCS Status Register
Device Address: 0x03; Register Address: 0x08E7, Reset: 0x0000, Name: B10L_PCS_STAT
This address corresponds to the 10BASE-T1L PCS status register specified in Clause 45.2.3.68b of Standard 802.3cg.
Table 151. Bit Descriptions for B10L_PCS_STAT
Bits
Bit Name
Description
Reset
Access
[15:3]
RESERVED
Reserved.
0x0
R
2
B10L_PCS_DSCR_STAT_OK_LL
PCS Descrambler Status. When read as 1, this bit indicates that the 10BASE-T1L
descrambler is locked. When read as 0, this bit indicates that the 10BASE-T1L
descrambler has unlocked since the last time the bit was read.
0x0
R LL
[1:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com