Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 106Page - STMicroelectronics STM32U375CE Datasheet HTML 107Page - STMicroelectronics STM32U375CE Datasheet HTML 108Page - STMicroelectronics STM32U375CE Datasheet HTML 109Page - STMicroelectronics STM32U375CE Datasheet HTML 110Page - STMicroelectronics STM32U375CE Datasheet HTML 111Page - STMicroelectronics STM32U375CE Datasheet HTML 112Page - STMicroelectronics STM32U375CE Datasheet HTML 113Page - STMicroelectronics STM32U375CE Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 222 page
background image
Symbol
Parameter
Conditions
Typ
Max(2)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Stop 3
with
RTC)
Supply current in Stop 3
mode, RTC(1) clocked by LSI
250 Hz, 8 KB
SRAM2 + ICACHE retained
1.8
4.80
16.0
51.0
110
18
48
160
330
µA
2.4
4.80
16.0
51.5
110
18
48
160
330
3
4.90
16.5
52.5
110
18
50
160
330
3.3
5.05
16.5
53.0
110
19
50
160
330
3.6
5.65
17.5
54.5
115
21
53
170
350
Supply current in Stop 3
mode, RTC(1) clocked by LSE
bypassed at 32768 Hz, 8 KB
SRAM2 + ICACHE retained
1.8
4.90
16.0
51.0
110
18
48
160
330
2.4
5.00
16.5
52.0
110
19
50
160
330
3
5.10
16.5
52.5
110
19
50
160
330
3.3
5.25
17.0
53.5
110
19
51
170
330
3.6
5.70
17.5
54.5
115
21
53
170
350
Supply current in Stop 3
mode, RTC(1) clocked by LSE
quartz in low-drive mode,
RCC_BDCR.LSESYSEN = 0,
8 KB SRAM2 + ICACHE
retained
1.8
4.95
16.0
50.5
105
-
-
-
-
2.4
5.05
16.0
51.5
110
-
-
-
-
3
5.10
16.5
52.5
110
-
-
-
-
3.3
5.30
17.0
53.5
110
-
-
-
-
3.6
5.75
17.5
54.5
115
-
-
-
-
Supply current in Stop 3
mode, RTC(1) clocked by LSE
quartz in low-drive mode,
RCC_BDCR.LSESYSEN = 1,
8 KB SRAM2 + ICACHE
retained
1.8
5.00
16.0
51.0
105
-
-
-
-
2.4
5.05
16.5
51.5
110
-
-
-
-
3
5.20
16.5
52.5
110
-
-
-
-
3.3
5.40
17.0
53.5
110
-
-
-
-
3.6
5.90
17.5
55.0
115
-
-
-
-
1. RTC with default configuration except RTC_CALR.LPCAL = 1
2. Evaluated by characterization. Not tested in production.
Table 56. SRAM static power consumption in Stop 3 when supplied by LDO
Symbol
Parameter
Typ
Max(3)
Unit
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD (SRAM1_16kB)
(1)
SRAM1 16-Kbyte page x
(x = 1, or 2) static
consumption
(SRAM1PDSx = 1 vs.
SRAM1PDSx = 0)
0.11
0.41
1.55
3.40
0.40
1.30
4.70
11.00
µA
IDD (SRAM1_32kB)
(1)
SRAM1 32-Kbyte page x
(x = 3, ..., 6, or 7) static
consumption
(SRAM1PDSx = 1 vs.
SRAM1PDSx = 0)
0.26
0.83
3.05
6.85
0.94
2.50
9.20
21.00
IDD (SRAM2_32kB)
(2)
SRAM2 32-Kbyte page 1
static consumption
(SRAM2PDS1 = 1 vs.
SRAM2PDS1 = 0)
0.31
0.93
3.95
8.90
1.20
2.80
12.00
27.00
IDD (SRAM2_24kB)
(2)
SRAM2 24-Kbyte page 2
static consumption
(SRAM2PDS2 = 1 vs.
SRAM2PDS2 = 0)
0.22
0.78
3.05
6.70
0.80
2.40
9.20
21.00
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 110/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com