Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 110Page - STMicroelectronics STM32U375CE Datasheet HTML 111Page - STMicroelectronics STM32U375CE Datasheet HTML 112Page - STMicroelectronics STM32U375CE Datasheet HTML 113Page - STMicroelectronics STM32U375CE Datasheet HTML 114Page - STMicroelectronics STM32U375CE Datasheet HTML 115Page - STMicroelectronics STM32U375CE Datasheet HTML 116Page - STMicroelectronics STM32U375CE Datasheet HTML 117Page - STMicroelectronics STM32U375CE Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 222 page
background image
Symbol
Parameter
Conditions
Typ
Max (2)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Standby)
Supply
current in
Standby
mode
(backup
registers
retained),
RTC
disabled
with independent
watchdog
clocked by LSI
250 Hz
3.3
µA
0.54
1.1
3.4
9.0
1.7
2.8
8.4
23
3.6
1.00
1.9
4.8
11.0
3.2
4.8
12
28
IDD
(Standby
with RTC)
Supply
current in
Standby
mode
(backup
registers
retained),
RTC
enabled
RTC(1) clocked
by LSI 32 kHz, no
independent
watchdog
1.8
0.44
0.7
2.2
6.6
1.4
1.8
5.4
17
2.4
0.55
0.9
2.5
7.1
1.8
2.2
6.2
18
3
0.70
1.1
2.9
8.0
2.2
2.8
7.3
20
3.3
0.91
1.5
3.8
9.4
2.9
3.7
9.4
24
3.6
1.40
2.4
5.2
11.5
4.4
5.9
13
29
RTC(1) clocked
by LSI 250 Hz,
no independent
watchdog
1.8
0.26
0.5
2.0
6.5
0.81
1.4
5.0
17
2.4
0.30
0.6
2.2
6.9
0.94
1.5
5.5
18
3
0.37
0.8
2.6
7.6
1.2
2.0
6.5
19
3.3
0.54
1.1
3.4
9.0
1.7
2.8
8.4
23
3.6
1.00
2.0
4.8
11.0
3.2
4.9
12
28
RTC(1) and
independent
watchdog
clocked by LSI
32 kHz
1.8
0.50
0.8
2.3
6.7
1.6
2.0
5.7
17
2.4
0.64
0.9
2.5
7.2
2.0
2.4
6.3
18
3
0.82
1.2
3.1
8.1
2.6
3.0
7.7
21
3.3
1.05
1.6
3.9
9.5
3.3
4.0
10
24
3.6
1.55
2.5
5.4
11.5
4.9
6.3
14
29
RTC(1) and
independent
watchdog
clocked by LSI
250 Hz
1.8
0.26
0.5
2.1
6.5
0.81
1.4
5.2
17
2.4
0.30
0.6
2.2
6.9
0.94
1.5
5.5
18
3
0.38
0.8
2.6
7.6
1.2
2.0
6.5
19
3.3
0.54
1.1
3.4
9.0
1.7
2.8
8.4
23
3.6
1.00
2.0
4.8
11.0
3.2
4.9
12
28
RTC(1) clocked
by LSE bypassed
at 32768 Hz
1.8
0.36
0.6
2.1
6.6
1.2
1.6
5.3
17
2.4
0.45
0.8
2.4
7.1
1.4
1.9
5.9
18
3
0.56
1.0
2.8
7.9
1.8
2.5
7.0
20
3.3
0.74
1.3
3.6
9.3
2.3
3.3
9.0
24
3.6
1.25
2.2
5.1
11.5
3.9
5.4
13
29
RTC(1) clocked
by LSE quartz in
low-drive mode
1.8
0.45
0.7
2.2
6.6
-
-
-
-
2.4
0.55
0.9
2.5
7.1
-
-
-
-
3
0.63
1.1
2.9
7.9
-
-
-
-
3.3
0.79
1.4
3.7
9.3
-
-
-
-
3.6
1.25
2.2
5.1
11.5
-
-
-
-
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 114/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com