Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 123Page - STMicroelectronics STM32U375CE Datasheet HTML 124Page - STMicroelectronics STM32U375CE Datasheet HTML 125Page - STMicroelectronics STM32U375CE Datasheet HTML 126Page - STMicroelectronics STM32U375CE Datasheet HTML 127Page - STMicroelectronics STM32U375CE Datasheet HTML 128Page - STMicroelectronics STM32U375CE Datasheet HTML 129Page - STMicroelectronics STM32U375CE Datasheet HTML 130Page - STMicroelectronics STM32U375CE Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 222 page
background image
In the application, the resonator and the load capacitors have to be placed as close as possible to the oscillator
pins, in order to minimize the output distortion and startup stabilization time. Refer to the crystal resonator
manufacturer for more details on the resonator characteristics (frequency, package, accuracy).
Table 73. HSE oscillator characteristics
Specified by design and not tested in production.
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
fOSC_IN
Oscillator frequency
-
4
-
50
MHz
RF
Feedback resistor
-
-
200
-
kΩ
IDD(HSE)
HSE current consumption
During startup(2)
-
-
8
μA
VDD = 3 V, Rm = 30 Ω, CL = 10 pF @ 4 MHz
-
790
-
VDD = 3 V, Rm = 30 Ω, CL = 10 pF @ 8 MHz
-
910
-
VDD = 3 V, Rm = 45 Ω, CL = 10 pF @ 8 MHz
-
930
-
VDD = 3 V, Rm = 30 Ω, CL = 5 pF @ 48 MHz
-
1430
-
VDD = 3 V, Rm = 30 Ω, CL = 10 pF @ 48 MHz
-
1960
-
VDD = 3 V, Rm = 30 Ω, CL = 20 pF @ 48 MHz
-
3000
-
Gmcritmax Maximum critical crystal transconductance Gm
Startup
-
-
1.5
mA/V
tsu(HSE)(3) Startup time
VDD stabilized
-
2
-
ms
1. Resonator characteristics given by the crystal/ceramic resonator manufacturer.
2. This consumption level occurs during the first 2/3 of the tSU(HSE) startup time.
3. tSU(HSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 8 MHz oscillation is reached. This value is
measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer.
Note:
For information on selecting the crystal, refer to the application note 'Oscillator design guide for STM8AF/AL/S,
STM32 MCUs and MPUs' (AN2867).
Figure 32. Typical application with a 8 MHz crystal
(1)
OSC_IN
OSC_OUT
RF
Bias
controlled
gain
fHSE
REXT
8 MHz
resonator
Resonator with integrated
capacitors
CL1
CL2
(1): REXT value depends on the crystal characteristics.
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 127/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com