Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 125Page - STMicroelectronics STM32U375CE Datasheet HTML 126Page - STMicroelectronics STM32U375CE Datasheet HTML 127Page - STMicroelectronics STM32U375CE Datasheet HTML 128Page - STMicroelectronics STM32U375CE Datasheet HTML 129Page - STMicroelectronics STM32U375CE Datasheet HTML 130Page - STMicroelectronics STM32U375CE Datasheet HTML 131Page - STMicroelectronics STM32U375CE Datasheet HTML 132Page - STMicroelectronics STM32U375CE Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 222 page
background image
High-speed internal (HSI16) RC oscillator
Table 75. HSI16 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI16(1)
HSI16 frequency after factory calibration
VDD = 3.0 V, TJ = 30 °C
15.92
16
16.08
MHz
TJ = –10 °C to 100 °C, 1.58 ≤ VDD ≤ 3.6 V
15.84
-
16.16
TJ = –40 °C to 110 °C, 1.58 ≤ VDD ≤ 3.6 V
15.65
-
16.25
TRIM(2)
HSI16 user trimming step
-
18
29
40
kHz
DuCy(HSI16)(2) Duty cycle
-
45
-
55
%
tsu(HSI16)(2)
HSI16 oscillator startup time
-
-
2.5
3.6
μs
tstab(HSI16)(2)
HSI16 oscillator stabilization time
At 1 % of target frequency
-
4
6
IDD(HSI16)(2)
HSI16 oscillator power consumption
-
-
150
210
μA
1. Evaluated by characterization. Not tested in production. Does not take into account package and soldering effects.
2. Specified by design. Not tested in production.
Figure 34. HSI16 frequency versus temperature and VDD
15.65
15.85
15.92
15.91
15.87
15.8
16.25
16.16
16.08
16.11
16.15
16.17
15.65
15.7
15.75
15.8
15.85
15.9
15.95
16
16.05
16.1
16.15
16.2
16.25
-40
-20
0
20
40
60
80
100
Temperature (°C)
+/-1%
HSI16 min freq
HSI16 max freq
temp +/-1%
-2%
Multispeed internal (MSI) RC oscillator
Table 76. MSI oscillator characteristics
Evaluated by characterization and not tested in production, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fMSI
MSI frequency
after factory
calibration
VDD = 3 V and TJ =
30 °C
MSI mode
MSI Range 0(1)
95.50
96.00
96.50
MHz
MSI Range 1
47.75
48.00
48.25
MSI Range 2
23.88
24.00
24.12
MSI Range 3
11.95
12.00
12.06
MSI Range 4(1)
23.88
24.00
24.12
MSI Range 5
11.95
12.00
12.06
MSI Range 6
5.97
6.00
6.03
MSI Range 7
2.98
3.00
3.02
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 129/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com