Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 169 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 169 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 165Page - STMicroelectronics STM32U375CE Datasheet HTML 166Page - STMicroelectronics STM32U375CE Datasheet HTML 167Page - STMicroelectronics STM32U375CE Datasheet HTML 168Page - STMicroelectronics STM32U375CE Datasheet HTML 169Page - STMicroelectronics STM32U375CE Datasheet HTML 170Page - STMicroelectronics STM32U375CE Datasheet HTML 171Page - STMicroelectronics STM32U375CE Datasheet HTML 172Page - STMicroelectronics STM32U375CE Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 222 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CMD, D outputs (referenced to CK) in SD default mode
tOV
Output valid default time SD
-
-
0.5
1.5
ns
tOH
Output hold default time SD
-
0
-
-
1. With capacitive load CL = 20 pF.
2. For SD 1.8 V support, an external voltage converter is needed.
3. Minimum window of time where the data needs to be stable for proper sampling in tuning mode.
Table 115. e.MMC characteristics (VDD = 1.71 V to 1.9 V)
Evaluated by characterization. Not tested in production.
Symbol
Parameter(1)
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer mode
-
-
-
84
MHz
tW(CKL)
Clock low time
fPP = 48 MHz
9.5
10.5
-
ns
tW(CKH)
Clock high time
fPP = 48 MHz
9.5
10.5
-
CMD, D inputs (referenced to CK) in e.MMC mode
tISU
Input setup time HS
-
3
-
-
ns
tIH
Input hold time HS
-
2.5
-
-
tIDW(2)
Input valid window (variable window)
-
5
-
-
CMD, D outputs (referenced to CK) in e.MMC mode
tOV
Output valid time HS
-
-
6
7.5
ns
tOH
Output hold time HS
-
4
-
-
1. With capacitive load CL = 20 pF.
2. Minimum window of time where the data needs to be stable for proper sampling in tuning mode.
Figure 55. SD high-speed mode
CK
D, CMD output
D, CMD input
tOV
tOH
tISU
tIH
tC(CK)
tW(CKH)
tW(CKL)
Figure 56. SD default mode
CK
D, CMD output
tOV
tOH
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 169/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com