Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 166Page - STMicroelectronics STM32U375CE Datasheet HTML 167Page - STMicroelectronics STM32U375CE Datasheet HTML 168Page - STMicroelectronics STM32U375CE Datasheet HTML 169Page - STMicroelectronics STM32U375CE Datasheet HTML 170Page - STMicroelectronics STM32U375CE Datasheet HTML 171Page - STMicroelectronics STM32U375CE Datasheet HTML 172Page - STMicroelectronics STM32U375CE Datasheet HTML 173Page - STMicroelectronics STM32U375CE Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 222 page
background image
Figure 57. SDMMC DDR mode
CK
D output
tOV
tOH
tISU
tIH
D input
tOV
tOH
Valid data
tISU
tIH
Valid data
Valid data
Valid data
tW(CKH)
tW(CKL)
5.3.30
Delay block characteristics
Unless otherwise specified, the parameters given in Table 116 are derived from tests performed under the
ambient temperature, fHCLK frequency and VDD supply voltage conditions summarized in Table 27.
Table 116. Delay block characteristics
Evaluated by characterization. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tinit
Initial delay
-
560
1360
2560
ps
tΔ
Unit delay
-
55
63
87
5.3.31
I2C interface characteristics
The I2C interface meets the timings requirements of the I2C-bus specification and user manual rev. 03 for:
•
Standard-mode (Sm): with a bitrate up to 100 Kbit/s
•
Fast-mode (Fm): with a bitrate up to 400 Kbit/s
•
Fast-mode Plus (Fm+): with a bitrate up to 1 Mbit/s
The I2C timings requirements are specified by design, not tested in production, when the I2C peripheral is
properly configured (refer to the product reference manual).
The SDA and SCL I/O requirements are met with the following restrictions: the SDA and SCL I/O pins are not
"true" open-drain. When configured as open-drain, the PMOS connected between the I/O pin and VDDIOx is
disabled, but is still present. Only FT_f I/O pins support Fm+ low-level output-current maximum requirement.
Refer to Table 86. I/O static characteristics for the I2C I/Os characteristics.
All I2C SDA and SCL I/Os embed an analog filter. Refer to the table below for the analog filter characteristics.
Table 117. I2C analog filter characteristics
The measurement points are performed at 50% VDD.
Evaluated by characterization. Not tested in production.
Symbol
Parameter
Min
Max
Unit
tAF
Maximum pulse width of spikes that are suppressed by the analog filter
50(1)
160(2)
ns
1. Spikes with widths below tAF min are filtered.
2. Spikes with width above tAF max are not filtered.
5.3.32
I3C interface characteristics
The I3C interface meets the timing requirements of the MIPI® I3C specification v1.1.
The I3C peripheral supports:
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 170/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com