Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 174 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 174 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 170Page - STMicroelectronics STM32U375CE Datasheet HTML 171Page - STMicroelectronics STM32U375CE Datasheet HTML 172Page - STMicroelectronics STM32U375CE Datasheet HTML 173Page - STMicroelectronics STM32U375CE Datasheet HTML 174Page - STMicroelectronics STM32U375CE Datasheet HTML 175Page - STMicroelectronics STM32U375CE Datasheet HTML 176Page - STMicroelectronics STM32U375CE Datasheet HTML 177Page - STMicroelectronics STM32U375CE Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 222 page
background image
Table 121. SPI characteristics
Evaluated by characterization. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
SPI clock frequency
Master mode,1.71 V ≤ VDDIOX ≤ 3.6 V,
Voltage range 1
-
-
48/33(1)
MHz
Slave receiver mode, 1.71 V ≤ VDDIOX ≤ 3.6 V,
Voltage range 1
-
-
96
Slave mode transmitter/full duplex(3),
1.71 V ≤ VDDIOX ≤ 3.6 V,
Voltage range 1
-
-
33/25(2)
Slave mode transmitter/full duplex(3),
2.7 V ≤ VDDIOX ≤ 3.6 V,
voltage range 1
-
-
31
Master or slave mode, 1.71 V ≤ VDDIOX ≤ 3.6 V,
Voltage range 2
-
-
24/18.5(2)
Master or slave mode, 1.08 V ≤ VDDIO2 ≤ 1.32 V(4)
-
-
15
tsu(NSS)
NSS setup time
Slave mode
4 x TPCLK
-
-
ns
th(NSS)
NSS hold time
Slave mode
2 x TPCLK
-
-
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode(5)
tSCK - 1
tSCK
tSCK + 1
tsu(MI)
Data input setup time
Master mode
3.5
-
-
tsu(SI)
Slave mode
2.5
-
-
th(MI)
Data input hold time
Master mode
3
-
-
th(SI)
Slave mode
1
-
-
ta(SO)
Data output access time
Slave mode
12
14.5
28
tdis(SO)
Data output disable time
Slave mode
7
14
28
tv(SO)
Data output valid time
Slave mode, 2.7 V ≤ VDDIOX ≤ 3.6 V,
Voltage range 1
-
12
16
ns
Slave mode, 1.71 V ≤ VDDIOX < 2.7 V,
Voltage range 1
-
12
15/20(2)
Slave mode, 1.71 V ≤ VDDIOX ≤ 3.6 V,
Voltage range 2
-
15
20.5/26.5(2)
Slave mode, 1.08 V ≤ VDDIO2 ≤ 1.32 V(4)
-
19
22
tv(MO)
Master mode
-
0.5
1.5/7.5(6)
th(SO)
Data output hold time
Slave mode
8.5
-
-
Slave mode, 1.08 V ≤ VDDIO2 ≤ 1.32 V(4)
13
-
-
th(MO)
Master mode
0
-
-
1. When using PA5, PA9, PD1
2. When using PA11.
3. Maximum frequency in Slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) which must fit into SCK low or high phase
preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a master having tsu(MI) = 0 while
Duty(SCK) = 50%.
4. The SPI is mapped on port G I/Os, that is supplied by VDDIO2 specified down to 1.08 V. The SPI is tested at this value.
5.
tSCK = tspi_ker_ck × baud rate prescaler.
6. When using PA12/PB15.
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 174/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com