Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 22Page - ams-OSRAM AG AS5510 Datasheet HTML 23Page - ams-OSRAM AG AS5510 Datasheet HTML 24Page - ams-OSRAM AG AS5510 Datasheet HTML 25Page - ams-OSRAM AG AS5510 Datasheet HTML 26Page - ams-OSRAM AG AS5510 Datasheet HTML 27Page - ams-OSRAM AG AS5510 Datasheet HTML 28Page - ams-OSRAM AG AS5510 Datasheet HTML 29Page - ams-OSRAM AG AS5510 Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
ams Datasheet
Page 25
[v1-07] 2015-Feb-27
Document Feedback
AS5510 − Ordering & Contact Information
The devices are available as the standard products shown in the
figure below.
Figure 28:
Ordering Information
D
→ Temperature Range: -30°C to 85°C
WL
→ Package: WL-CSP Wafer Level - Chip Scale Package
SO
→ Package: SOIC 8
T
→ Delivery Form: Tape & Reel
M
→ Delivery Form: Mini Reel
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering Code
Package
Marking
Delivery Form
Delivery Quantity
AS5510-DWLT
6pin WL-CSP 1.4x1.1mm
AS5510
Tape & Reel
12.000pcs
AS5510-DWLM
6pin WL-CSP 1.4x1.1mm
AS5510
Mini Reel
1000pcs
AS5510-DSOT
8pin SOIC
AS5510
Tape & Reel
2.500pcs
AS5510-DSOM
8pin SOIC
AS5510
Mini Reel
500pcs
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com