Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 2 Page - ams-OSRAM AG

  AS5510 Datasheet HTML 1Page - ams-OSRAM AG AS5510 Datasheet HTML 2Page - ams-OSRAM AG AS5510 Datasheet HTML 3Page - ams-OSRAM AG AS5510 Datasheet HTML 4Page - ams-OSRAM AG AS5510 Datasheet HTML 5Page - ams-OSRAM AG AS5510 Datasheet HTML 6Page - ams-OSRAM AG AS5510 Datasheet HTML 7Page - ams-OSRAM AG AS5510 Datasheet HTML 8Page - ams-OSRAM AG AS5510 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
ams Datasheet
Page 1
[v1-07] 2015-Feb-27
Document Feedback
AS5510
Linear Hall Sensor with I²C Output
The AS5510 is a Linear Hall Sensor with 10 bit resolution and I²C
interface. It can measure absolute position of lateral movement
of a simple 2-pole magnet. Depending on the magnet size, a
lateral stroke of 0.5~2mm can be measured with air gaps
around 1.0mm. To conserve power, the AS5510 may be
switched to a power down state when it is not used. It is
available in a WLCSP and SOIC8 package and qualified for an
ambient temperature range from -30°C to 85°C.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS5510, Linear Hall sensor with I²C
output are listed below:
Figure 1:
Added Value of Using AS5510
Applications
The AS5510 is ideal for:
• Position sensing
• Servo drive feedback
• Camera lens control
• Closed loop position control.
Benefits
Features
Highest reliability and durability
Contactless position measurement
Ideal for battery powered devices
Power down mode
Easy to use
Simple configuration over the I2C interface
High-resolution output
10bit resolution
Operates in wide magnetic range
Programmable sensitivity
Smallest form factor
Available in two different packages: WLCSP & SOIC8
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com