Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 14Page - ams-OSRAM AG AS5510 Datasheet HTML 15Page - ams-OSRAM AG AS5510 Datasheet HTML 16Page - ams-OSRAM AG AS5510 Datasheet HTML 17Page - ams-OSRAM AG AS5510 Datasheet HTML 18Page - ams-OSRAM AG AS5510 Datasheet HTML 19Page - ams-OSRAM AG AS5510 Datasheet HTML 20Page - ams-OSRAM AG AS5510 Datasheet HTML 21Page - ams-OSRAM AG AS5510 Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
ams Datasheet
Page 17
[v1-07] 2015-Feb-27
Document Feedback
AS5510 − Detailed Description
Slave Transmitter Mode (Read Mode)
The first byte is received and handled as in the slave receiver
mode. However, in this mode, the direction bit indicates that
the transfer direction is reversed. Serial data is transmitted on
SDA by the AS5510 while the serial clock is input on SCL. START
and STOP conditions are recognized as the beginning and end
of a serial transfer (Figure 17 and Figure 18). The slave address
byte is the first byte received after the master generates a START
condition. The slave address byte contains the 7-bit AS5510
address. The 7-bit slave address is followed by the direction bit
(R/W), which, for a read, is 1. After receiving and decoding the
slave address byte the device outputs an acknowledge on the
SDA line. The AS5510 then begins to transmit data starting with
the register address pointed to by the register pointer. If the
register pointer is not written to before the initiation of a read
mode the first address that is read is the last one stored in the
register pointer. The AS5510 must receive a “not acknowledge”
to end a read.
Figure 17:
Data Read (from Current Pointer Location) - Slave Transmitter Mode
Figure 18:
Data Read (Write Pointer, Then Read) - Slave Receive and Transmit
S
1010110
1
A
XXXXXXXX
A
XXXXXXXX
A
XXXXXXXX
NA
S – Start
A – Acknowledge (ACK)
Data transferred: X+1 Bytes + Acknowledge
NA – Not Acknowledge (NACK)
Note: Last data byte is followed by NACK
P – Stop
P
<Slave address>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
XXXXXXXX
A
<Data(n+2)>
S
1010110
0
A
XXXXXXXX
A
1010110
1
XXXXXXXX
A
S – Start
SA – Repeated Start
A – Acknowledge (ACK)
Data transferred: X+1 Bytes + Acknowledge
NA – Not Acknowledge (NACK)
Note: Last data byte is followed by NACK
P – Stop
P
<Slave address>
<Word Address (n)>
<Slave Address>
<Data(n+1)>
XXXXXXXX
A
<Data(n)>
Sr
A
XXXXXXXX
NA
<Data(n+X)>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com