Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 15Page - ams-OSRAM AG AS5510 Datasheet HTML 16Page - ams-OSRAM AG AS5510 Datasheet HTML 17Page - ams-OSRAM AG AS5510 Datasheet HTML 18Page - ams-OSRAM AG AS5510 Datasheet HTML 19Page - ams-OSRAM AG AS5510 Datasheet HTML 20Page - ams-OSRAM AG AS5510 Datasheet HTML 21Page - ams-OSRAM AG AS5510 Datasheet HTML 22Page - ams-OSRAM AG AS5510 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-07] 2015-Feb-27
AS5510 − Detailed Description
Automatic Increment of Address Pointer
The AS5510 slave automatically increments the address pointer
after each byte transferred. The increase of the address pointer
is independent from the address being valid or not.
Invalid Addresses
If the user sets the address pointer to an invalid address, the
address byte is not acknowledged. Nevertheless a read or write
cycle is possible. The address pointer is increased after each
byte.
Reading
When reading from a wrong address, the AS5510 slave returns
all zero. The address pointer is increased after each byte.
Sequential read over the whole address range is possible
including address overflow.
Write
A write to a wrong address is not acknowledged by the AS5510
slave, although the address pointer is increased. When the
address pointer points to a valid address again, a successful
write accessed is acknowledged. Page write over the whole
address range is possible including address overflow.
SDA, SCL Input Filters
Input filters for SDA and SCL inputs are included to suppress
noise spikes of less than 50ns. Furthermore the SDA line is
delayed by 120ns to provide an internal hold time for Start/Stop
detection to bridge the undefined region of the falling edge of
SCL. The delay needs to be smaller than tHD.STA 260ns. For
Standard-mode and Fast-mode an internal hold time of 300ns
is required, which is not covered by the AS5510 slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com