Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 4Page - ams-OSRAM AG AS5510 Datasheet HTML 5Page - ams-OSRAM AG AS5510 Datasheet HTML 6Page - ams-OSRAM AG AS5510 Datasheet HTML 7Page - ams-OSRAM AG AS5510 Datasheet HTML 8Page - ams-OSRAM AG AS5510 Datasheet HTML 9Page - ams-OSRAM AG AS5510 Datasheet HTML 10Page - ams-OSRAM AG AS5510 Datasheet HTML 11Page - ams-OSRAM AG AS5510 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ams Datasheet
Page 7
[v1-07] 2015-Feb-27
Document Feedback
AS5510 − Electrical Characteristics
CMOS I²C: SDA, SCL
Operating conditions: Tamb = -30°C to 85°C, VDD = 2.5V to 3.6V
(3V operation) unless otherwise noted.
Figure 9:
Electrical Characteristics I²C
Note(s) and/or Footnote(s):
1. In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used this has to be
considered for bus timing.
2. Input filters on the SDA and SCL inputs suppress noise spikes of less than 50 ns.
3. I/O pins of Fast-mode and Fast-mode plus devices must not obstruct the SDA and SCL lines if VDD is switched OFF.
4. Special purpose devices such as multiplexers and switches may exceed this capacitance due to the fact that they connect multiple
paths together.
Symbol
Parameter
Conditions
Min
Max
Units
VIL
LOW-level input voltage
-0.5
0.3 * VDD
V
VIH
HIGH-level input voltage
0.7 * VDD
VDD +0.5V
V
Vhys
Hysteresis of Schmitt Trigger inputs
VDD > 2.5V
0.05 * VDD
V
VOL
LOW-level output voltage
(open-drain or open-collector) at
3mA sink current
VDD > 2.5V
0.4V
V
IOL
LOW-level output current
VOL = 0.4V
20
mA
tof
Output fall time from VIHmax to
VILmax
120 (1)
ns
tSP
Pulse width of spikes that must be
suppressed by the input filter
50 (2)
ns
Ii
Input current at each I/O pin
-10
+10 (3)
μA
CB
Total capacitive load for each bus
line
550
pF
CI/O
I/O capacitance (SDA, SCL) (4)
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com