Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 10Page - ams-OSRAM AG AS5510 Datasheet HTML 11Page - ams-OSRAM AG AS5510 Datasheet HTML 12Page - ams-OSRAM AG AS5510 Datasheet HTML 13Page - ams-OSRAM AG AS5510 Datasheet HTML 14Page - ams-OSRAM AG AS5510 Datasheet HTML 15Page - ams-OSRAM AG AS5510 Datasheet HTML 16Page - ams-OSRAM AG AS5510 Datasheet HTML 17Page - ams-OSRAM AG AS5510 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
ams Datasheet
Page 13
[v1-07] 2015-Feb-27
Document Feedback
AS5510 − Detailed Description
Figure 14:
I²C Timing Diagram
I²C Modes
The AS5510 supports the I²C bus protocol. A device that sends
data onto the bus is defined as a transmitter and a device
receiving data as a receiver. The device that controls the
message is called a master. The devices that are controlled by
the master are referred to as slaves. A master device that
generates the serial clock (SCL), controls the bus access and
generates the START and STOP conditions must control the bus.
The AS5510 operates as a slave on the I²C bus. Within the bus
specifications a standard mode (100 kHz maximum clock rate)
a fast mode (400 kHz maximum clock rate) and fast mode plus
(1MHz maximum clock rate) are defined. The AS5510 works in
all three modes. Connections to the bus are made through the
open-drain I/O lines SDA and the input SCL. Clock stretching is
not included.
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus is not
busy.
• During data transfer, the data line must remain stable
whenever the clock line is HIGH. Changes in the data line
while the clock line is HIGH are interpreted as start or stop
signals.
Accordingly, the following bus conditions have been defined:
Bus Not Busy
Both data and clock lines remain HIGH.
Start Data Transfer
A change in the state of the data line, from HIGH to LOW, while
the clock is HIGH, defines a START condition.
Stop Data Transfer
A change in the state of the data line, from LOW to HIGH, while
the clock line is HIGH, defines the STOP condition.
SDA
SCL
Start
Stop
tbuf
tLOW
tR
tHD.STA
tHIGH
tF
tSU.DAT
tSU.STA
tHD.STA
tSU.STO
Repeated
Start
tHD.DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com