Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS5510 Datasheet HTML 1Page - ams-OSRAM AG AS5510 Datasheet HTML 2Page - ams-OSRAM AG AS5510 Datasheet HTML 3Page - ams-OSRAM AG AS5510 Datasheet HTML 4Page - ams-OSRAM AG AS5510 Datasheet HTML 5Page - ams-OSRAM AG AS5510 Datasheet HTML 6Page - ams-OSRAM AG AS5510 Datasheet HTML 7Page - ams-OSRAM AG AS5510 Datasheet HTML 8Page - ams-OSRAM AG AS5510 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-07] 2015-Feb-27
AS5510 − Pin Assignment
Figure 5:
Pin Description
Pin
Name
Pin Number
Pin Type
Description
WLCSP
SOIC8
NC
-
1
-
Not Connected
VSS
A1
2
Supply pin
Negative supply pin, analog and digital ground
ADR
A2
3
Digital input
I²C address selection pin
Connect to either VSS (56h) or VDD (57h)
VDD
A3
4
Supply pin
Positive supply pin. A capacitor of 100nF should
be connected to this pin and VSS
Test
B3
5
Digital input/output
Test pin, must be connected to VSS during
operation
SDA
B1
6
Digital input / Digital
output open drain
I²C data I/O, 20mA driving capability
SCL
B2
7
Digital input
I²C clock
NC
-
8
-
Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com