Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 7Page - ams-OSRAM AG AS5510 Datasheet HTML 8Page - ams-OSRAM AG AS5510 Datasheet HTML 9Page - ams-OSRAM AG AS5510 Datasheet HTML 10Page - ams-OSRAM AG AS5510 Datasheet HTML 11Page - ams-OSRAM AG AS5510 Datasheet HTML 12Page - ams-OSRAM AG AS5510 Datasheet HTML 13Page - ams-OSRAM AG AS5510 Datasheet HTML 14Page - ams-OSRAM AG AS5510 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-07] 2015-Feb-27
AS5510 − Detailed Description
Figure 11:
Linear Position Sensor AS5510 + Magnet
Linear Position Sensor AS5510 + Magnet: The AS5510 can measure the absolute position of lateral movement
in combination with a diametrical two pole magnet.
Typical Application
The typical application circuit of AS5510 is shown below:
Figure 12:
Typical Application Circuit
Detailed Description
N
S
magnet
AS5510
PCB
SOIC8
N
S
magnet
AS5510
PCB
WLCSP
AS5510
#1
I²C ADDR = 56h
VDD
VSS
100nF
Test
SCL
SDA
ADR
Microcontroller
AS5510
#2
I²C ADDR = 57h
100nF
VDD =
2.5 ~ 3.6V
VDD
VSS
Test
SCL
SDA
ADR
100nF
VDD
VDD
VDD
I²C
interface
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com