Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 9Page - ams-OSRAM AG AS5510 Datasheet HTML 10Page - ams-OSRAM AG AS5510 Datasheet HTML 11Page - ams-OSRAM AG AS5510 Datasheet HTML 12Page - ams-OSRAM AG AS5510 Datasheet HTML 13Page - ams-OSRAM AG AS5510 Datasheet HTML 14Page - ams-OSRAM AG AS5510 Datasheet HTML 15Page - ams-OSRAM AG AS5510 Datasheet HTML 16Page - ams-OSRAM AG AS5510 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-07] 2015-Feb-27
AS5510 − Detailed Description
I²C Interface Data
Operating conditions: Tamb = -30 to 85°C, VDD=2.5 to 3.6V (3V
operation) unless otherwise noted.
Figure 13:
I²C Timings
Note(s) and/or Footnote(s):
1. After this time the first clock is generated.
2. A device must internally provide a hold time of at least 120ns (Fast-mode Plus) for the SDA signal (referred to the VIHmin of the SCL)
to bridge the undefined region of the falling edge of SCL.
3. A fast-mode device can be used in standard-mode system, but the requirement tSU.DAT = 250ns must then be met. This is automatically
the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL
signal, it must output the next data bit to the SDA line tRmax + TSU.DAT = 1000 + 250 = 1250ns before the SCL line is released.
4. In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used this has to be
considered for bus timing.
Symbol
Parameter
Min
Typ
Max
Units
fSCLK
SCL clock frequency
1
MHz
tBUF
Bus free time; time between STOP and START condition
0.5
μs
tHD.STA
Hold time; (repeated) START condition (1)
0.26
μs
tLOW
LOW period of SCL clock
0.5
μs
tHIGH
HIGH period of SCL clock
0.26
μs
tSU.STA
Setup time for a repeated START condition
0.26
μs
tHD.DAT
Data hold time (2)
0.45
μs
tSU.DAT
Data setup time(3)
50
ns
tR
Rise time of SDA and SCL signals
120
ns
tF
Fall time of SDA and SCL signals (4)
120
ns
tSU.STO
Setup time for STOP condition
0.26
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com