Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 17Page - ams-OSRAM AG AS5510 Datasheet HTML 18Page - ams-OSRAM AG AS5510 Datasheet HTML 19Page - ams-OSRAM AG AS5510 Datasheet HTML 20Page - ams-OSRAM AG AS5510 Datasheet HTML 21Page - ams-OSRAM AG AS5510 Datasheet HTML 22Page - ams-OSRAM AG AS5510 Datasheet HTML 23Page - ams-OSRAM AG AS5510 Datasheet HTML 24Page - ams-OSRAM AG AS5510 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-07] 2015-Feb-27
AS5510 − Register Description
Figure 20:
Register Description
Register Address
Name
Description
00h, 01h
D9 to D0
10 Bit ADC output value that corresponds to the magnetic field
input
01h
Parity
Even parity bit calculated from D9 to D0
01h
OCF
Offset compensation loop status
0 = Offset compensation loop in use
1 = Offset compensation loop has finished
02h
PD
Power down mode
0 = Normal operation (Default)
1 = Power Down mode.
02h
Polarity
Output signal polarity
0 = Normal polarity (Default)
1 = Reversed polarity (reversed magnet)
02h
Fast / Slow mode
0 = Fast mode (Default)
1 = Slow mode. Enables averaging of the output values (reduced
noise, better repeatability slower sampling frequency. See
Electrical and Magnetic Specifications
03h, 04h
Offs9 to Offs0
Contains the offset compensation value. For read access only.
Don't modify the register values.
0Bh
Sensitivity
Sensitivity setting
0h = Input range ± 50mT Sensitivity = 97.66μT/LSB (Default)
1h = Input range ± 25mT Sensitivity = 48.83μT/LSB
2h = Input range ± 12.5mT Sensitivity = 24.41μT/LSB
3h = Input range ± 18.75mT Sensitivity = 36.62μT/LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com