Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 3Page - ams-OSRAM AG AS5510 Datasheet HTML 4Page - ams-OSRAM AG AS5510 Datasheet HTML 5Page - ams-OSRAM AG AS5510 Datasheet HTML 6Page - ams-OSRAM AG AS5510 Datasheet HTML 7Page - ams-OSRAM AG AS5510 Datasheet HTML 8Page - ams-OSRAM AG AS5510 Datasheet HTML 9Page - ams-OSRAM AG AS5510 Datasheet HTML 10Page - ams-OSRAM AG AS5510 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-07] 2015-Feb-27
AS5510 − Electrical Characteristics
Figure 7:
Operating Conditions
DC Characteristics for Digital Inputs and
Outputs
CMOS Input: ADR
Operating conditions: Tamb = -30°C to 85°C, VDD = 2.5V to 3.6V
(3V operation) unless otherwise noted.
Figure 8:
Electrical Characteristics ADR Input
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply voltage at pin VDD
2.5
3
3.6
V
Isupp
Supply current
@ 25°C ambient temperature
3.5
mA
Ipd
Power down current
25
μA
Tamb
Ambient temperature
-30
85
°C
Symbol
Parameter
Min
Typ
Max
Units
VIH
High level input voltage
0.7 * VDD
VDD
V
VIL
Low level input voltage
0
0.3 * VDD
V
ILEAK
Input leakage current
-1
1
μA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com