Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 16Page - ams-OSRAM AG AS5510 Datasheet HTML 17Page - ams-OSRAM AG AS5510 Datasheet HTML 18Page - ams-OSRAM AG AS5510 Datasheet HTML 19Page - ams-OSRAM AG AS5510 Datasheet HTML 20Page - ams-OSRAM AG AS5510 Datasheet HTML 21Page - ams-OSRAM AG AS5510 Datasheet HTML 22Page - ams-OSRAM AG AS5510 Datasheet HTML 23Page - ams-OSRAM AG AS5510 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
ams Datasheet
Page 19
[v1-07] 2015-Feb-27
Document Feedback
AS5510 − Register Description
Figure 19:
Register Map (1)
Note(s) and/or Footnote(s):
1. Blank or not listed fields may contain factory settings. To change a configuration, read out the register, modify only the desired bits
and write the new configuration.
Register
Address
Bit
Access
Type
7
6
5
4
3
2
1
0
00h
D7
D6
D5
D4
D3
D2
D1
D0
R
01h
OCF
Parity
(even)
D9
D8
R
02h
Fast(0)
Slow
mode (1)
Polarity(0)
PD(0)
R/W
03h
Offs7
Offs6
Offs5
Offs4
Offs3
Offs2
Offs1
Offs0
R/W
04h
Offs9
Offs8
R/W
0Bh
Sens 1
Sens 0
R/W
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com