Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 2Page - ams-OSRAM AG AS5510 Datasheet HTML 3Page - ams-OSRAM AG AS5510 Datasheet HTML 4Page - ams-OSRAM AG AS5510 Datasheet HTML 5Page - ams-OSRAM AG AS5510 Datasheet HTML 6Page - ams-OSRAM AG AS5510 Datasheet HTML 7Page - ams-OSRAM AG AS5510 Datasheet HTML 8Page - ams-OSRAM AG AS5510 Datasheet HTML 9Page - ams-OSRAM AG AS5510 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ams Datasheet
Page 5
[v1-07] 2015-Feb-27
Document Feedback
AS5510 − Absolute Maximum Ratings
Stresses beyond those listed in Absolute Maximum Ratings may
cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other
conditions beyond those indicated in Electrical Characteristics is
not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Figure 6:
Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
DC supply voltage at pin VDD
-0.3
5
V
Input pin voltage
-0.3
VDD+0.3
V
Input current (latchup immunity)
-100
100
mA
Norm: JEDEC 78
Electrostatic discharge
±2
kV
Norm: MIL 883 E method 3015
Storage temperature
-55
125
°C
Body temperature (Lead-free
package) for WLCSP
TBody
260
°C
The reflow peak soldering temperature
(body temperature) specified is in
accordance with IPC/ JEDEC J-STD-020
“Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid
State Surface Mount Devices”.
Body temperature (Lead-free
package) for SOIC8
260
Relative Humidity non-condensing
5
85
%
Moisture Sensitivity Level for WLCSP
1
Represents a max. floor life time of
unlimited
Moisture Sensitivity Level for SOIC8
3
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com