Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 8Page - ams-OSRAM AG AS5510 Datasheet HTML 9Page - ams-OSRAM AG AS5510 Datasheet HTML 10Page - ams-OSRAM AG AS5510 Datasheet HTML 11Page - ams-OSRAM AG AS5510 Datasheet HTML 12Page - ams-OSRAM AG AS5510 Datasheet HTML 13Page - ams-OSRAM AG AS5510 Datasheet HTML 14Page - ams-OSRAM AG AS5510 Datasheet HTML 15Page - ams-OSRAM AG AS5510 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
ams Datasheet
Page 11
[v1-07] 2015-Feb-27
Document Feedback
AS5510 − Detailed Description
I²C Interface
The AS5510 includes an I²C slave according to the NXP
specification UM10204.
• 7-bit slave address 101011x, the last address bit x is set
by the ADR pin (0 or 1)
• Random/Sequential Read
•Byte/Page Write
• Fast-mode plus with 20mA SDA drive strength
• Internal hold time of 120ns for SDA signal is included
(Start/Stop detection)
Not implemented:
• 10-bit Slave Address
•Clock Stretching
• General Call Address
• General Call – Software Reset
•Read of Device ID
The communication from the AS5510 includes:
• Reading the magnetic field strength in 10-bit data
• Reading the status bits
Note(s): The I²C address of the chip is selected by hardware (pin
ADR). Depending on the state of this pin, the I²C address is
either:
•Pin ADR = LOW  I²C address = 1010110b(56h)
• Pin ADR = HIGH  I²C address = 1010111b(57h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com