Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 6Page - ams-OSRAM AG AS5510 Datasheet HTML 7Page - ams-OSRAM AG AS5510 Datasheet HTML 8Page - ams-OSRAM AG AS5510 Datasheet HTML 9Page - ams-OSRAM AG AS5510 Datasheet HTML 10Page - ams-OSRAM AG AS5510 Datasheet HTML 11Page - ams-OSRAM AG AS5510 Datasheet HTML 12Page - ams-OSRAM AG AS5510 Datasheet HTML 13Page - ams-OSRAM AG AS5510 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ams Datasheet
Page 9
[v1-07] 2015-Feb-27
Document Feedback
AS5510 − Electrical Characteristics
Note(s) and/or Footnote(s):
1. Offsetinp = 0.35mT residual offset + 0.1mT earth magnetic field.
2. Linearity error =
3. This time is needed for the first power-up of the device until the offset compensation is finished; Includes readout of the PPROM
fuses; It depends on the sensitivity setting.
4. Time after switching from power-down mode into active mode until the offset compensation is finished.
5. Input related Noise (NoiseInp) is the repeatability of the measurement.
Fast Mode (Default setting)
fS
ADC sampling
frequency
After offset compensation finished
50
KHz
tdelay
System propagation
delay
20
μs
Noiseinp
Input related noise (5)
Equivalent to 8 * rms
0.8
mTpp
Slow Mode (I²C command option)
fS
ADC sampling
frequency
After offset compensation finished
12.5
KHz
tdelay
System propagation
delay
50
μs
Noiseinp
Input related noise (5)
Equivalent to 8 * rms
0.5
mTpp
Symbol
Parameter
Conditions
Typ
Max
Units
lin
error
1
adc
out maxB
()
adc
out zeroB
()
2
adc
out maxB
2
---------------


adc
out zeroB
()


×
--------------------------------------------------------------------------------------------------------------





100
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com