Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 7 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 7 Page - ams AG

Back Button AS5040 Datasheet HTML 3Page - ams AG AS5040 Datasheet HTML 4Page - ams AG AS5040 Datasheet HTML 5Page - ams AG AS5040 Datasheet HTML 6Page - ams AG AS5040 Datasheet HTML 7Page - ams AG AS5040 Datasheet HTML 8Page - ams AG AS5040 Datasheet HTML 9Page - ams AG AS5040 Datasheet HTML 10Page - ams AG AS5040 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 7 of 28
5.2.1
Incremental Power-up Lock Option
After power-up, the incremental outputs can optionally be
locked or unlocked, depending on the status of the CSn
pin:
CSn = low at power-up:
CSn has an internal pull-up resistor and must be
externally pulled low (Rext
≤ 5kΩ). If Csn is low at
power-up, the incremental outputs (A, B, Index) will
be high until the internal offset compensation is
finished.
This unique state (A=B=Index = high) may be used
as an indicator for the external controller to shorten
the waiting time at power-up. Instead of waiting for
the specified maximum power up-time (0), the
controller can start requesting data from the AS5040
as soon as the state (A=B=Index = high) is cleared.
CSn = high or open at power-up:
In this mode, the incremental outputs (A, B, Index)
will remain at logic high state, until CSn goes low or
a low pulse is applied at CSn. This mode allows
intentional disabling of the incremental outputs until
for example the system microcontroller is ready to
receive data.
5.3
Incremental Output Hysteresis
To avoid flickering incremental outputs at a stationary
magnet position, a hysteresis is introduced.
In case of a rotational direction change, the incremental
outputs have a hysteresis of 2 LSB.
Regardless of the programmed incremental resolution,
the hysteresis of 2 LSB always corresponds to the
highest resolution of 10 bit. In absolute terms, the
hysteresis is set to 0.704 degrees for all resolutions.
For constant rotational directions, every magnet position
change is indicated at the incremental outputs (see
Figure 8). If for example the magnet turns clockwise from
position „x+3“ to „x+4“, the incremental output would
also indicate this position accordingly.
A change of the magnet’s rotational direction back to
position „x+3“ means, that the incremental output still
remains unchanged for the duration of 2 LSB, until
position „x+2“ is reached. Following this direction, the
incremental outputs will again be updated with every
change of the magnet position.
Figure 8: Hysteresis window for incremental outputs
6
Pulse Width Modulation (PWM)
Output
The AS5040 provides a pulse width modulated output
(PWM), whose duty cycle is proportional to the measured
angle:
() 1
1025 −
+
⋅
=
off
on
on
t
t
t
Position
The PWM frequency is internally trimmed to an accuracy
of
±5% (±10% over full temperature range). This
tolerance can be cancelled by measuring the complete
duty cycle as shown above.
1/fPWM
Angle
359.65 deg
(Pos 1023)
0 deg
(Pos 0)
1µs
1025µs
PWMIN
PWMAX
1024µs
Figure 9: PWM output signal
Magnet Position
Hysteresis:
0.7°
X+2
Incremental
Output
Indication
Clockwise Direction
Counterclockwise Direction
X+4
X
X
X+2
X+4 X+5
X+3
X+1
X+1
X+3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com