Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 23 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 23 Page - ams AG

Back Button AS5040 Datasheet HTML 19Page - ams AG AS5040 Datasheet HTML 20Page - ams AG AS5040 Datasheet HTML 21Page - ams AG AS5040 Datasheet HTML 22Page - ams AG AS5040 Datasheet HTML 23Page - ams AG AS5040 Datasheet HTML 24Page - ams AG AS5040 Datasheet HTML 25Page - ams AG AS5040 Datasheet HTML 26Page - ams AG AS5040 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 23 of 28
16.5 Electrical System Specifications
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Resolution
RES
10
bit
0.352 deg
7 bit
8 bit
9 bit
10 bit
LSB
2.813
1.406
0.703
0.352
deg
Adjustable resolution only available for incremental
output modes;
Least significant bit, minimum step
Integral non-linearity (optimum)
INLopt
± 0.5
deg
Maximum error with respect to the best line fit.
Verified at optimum magnet placement, Tamb =25 °C.
Integral non-linearity (optimum)
INLtemp
± 0.9
deg
Maximum error with respect to the best line fit.
Verified at optimum magnet placement ,
Tamb = -40 to +125°C
Integral non-linearity
INL
± 1.4
deg
Best line fit = (Errmax – Errmin) / 2
Over displacement tolerance with 6mm diameter
magnet, Tamb = -40 to +125°C
Differential non-linearity
DNL
± 0.176
deg
10bit, no missing codes
Transition noise
TN
0.12
Deg
RMS
RMS equivalent to 1 sigma
Hysteresis
Hyst
0.704
deg
Incremental modes only
Power-on reset thresholds
On voltage; 300mV typ. hysteresis
Off voltage; 300mV typ. hysteresis
Von
Voff
1,37
1.08
2.2
1.9
2.9
2.6
V
V
DC supply voltage 3.3V (VDD3V3)
DC supply voltage 3.3V (VDD3V3)
Power-up time
tPwrUp
50
ms Until offset compensation finished
System propagation delay
absolute output
tdelay
48
µs
Includes delay of ADC and DSP
System propagation delay
incremental output
192
µs
Calculation over two samples
9.90
10.42
10.94
Internal sampling rate, Tamb = 25°C
Sampling rate for absolute
output
fS
9.38
10.42
11.46
kHz
Internal sampling rate, Tamb = -40 to +125°C
Read-out frequency
CLK
1
MHz
Max. clock frequency to read out serial data
180°
360 °
0 °
0
512
1023
α
α10bit code
0
1
2
0.35°
INL
Ideal curve
Actual curve
TN
512
1023
DNL+1LSB
[degrees]
Figure 25: Integral and differential non-linearity example (exaggerated curve)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com