Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 2 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 2 Page - ams AG

  AS5040 Datasheet HTML 1Page - ams AG AS5040 Datasheet HTML 2Page - ams AG AS5040 Datasheet HTML 3Page - ams AG AS5040 Datasheet HTML 4Page - ams AG AS5040 Datasheet HTML 5Page - ams AG AS5040 Datasheet HTML 6Page - ams AG AS5040 Datasheet HTML 7Page - ams AG AS5040 Datasheet HTML 8Page - ams AG AS5040 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 2 of 28
2
Pin Configuration
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
MagINCn
MagDECn
A_LSB_U
B_Dir_V
NC
Index_W
VSS
Prog
DO
CLK
CSn
PWM_LSB
NC
NC
VDD3V3
VDD5V
Figure 2: Pin configuration SSOP16
2.1
Pin Description
Table 2 shows the description of each pin of the standard
SSOP16 package (Shrink Small Outline Package,
16 leads, body size: 5.3mm x 6.2mmm; see Figure 2).
Pins 7, 15 and 16 are supply pins, pins 5, 13 and 14 are
for internal use and must not be connected.
Pins 1 and 2 are the magnetic field change indicators,
MagINCn and MagDECn (magnetic field strength
increase or decrease through variation of the distance
between the magnet and the device). These outputs can
be used to detect the valid magnetic field range.
Furthermore those indicators can also be used for
contact-less push-button functionality.
Pins 3, 4 and 6 are the incremental pulse output pins.
The functionality of these pins can be configured through
programming the one-time programmable (OTP) register:
Output Mode
Pin 3
Pin 4
Pin 6
Pin 12
1.x: quadrature
A
B
Index
PWM
2.x:step/direction
LSB
Direction
Index
PWM
3.x: commutation
U
V
W
LSB
Table 1: Pin assignment for the different incremental output modes
Mode 1.x: Quadrature A/B Output:
Represents the default quadrature A/B signal mode.
Mode 2.x: Step / Direction Output:
Configures pin 3 to deliver up to 512 pulses (up to 1024
state changes) per revolution. It is equivalent to the LSB
(least significant bit) of the absolute position value. Pin 4
provides the information of the rotational direction.
Both modes (mode 1.x and mode 2.x) provide an index
signal (1 pulse/revolution) with an adjustable width of
one LSB or three LSB’s.
Pin
Symbol
Type
Description
1
MagINCn
DO_OD
Magnet Field Magnitude INCrease;
active low, indicates a distance
reduction between the magnet and the
device surface.
2
MagDECn
DO_OD
Magnet Field Magnitude DECrease;
active low, indicates a distance increase
between the device and the magnet.
3
A_LSB_U
DO
Mode1.x: Quadrature A channel
Mode2.x: Least Significant Bit
Mode3.x: U signal (phase1)
4
B_Dir_V
DO
Mode1.x: Quadrature B channel
quarter period shift to channel A.
Mode2.x: Direction of Rotation
Mode3.x: V signal (phase2)
5
NC
-
Must be left unconnected
6
Index_ W
DO
Mode1.x and Mode2.x : Index signal
indicates the absolute zero position
Mode3.x: W signal (phase3)
7
VSS
S
Negative Supply Voltage (GND)
8
Prog
DI_PD
OTP Programming Input and Data Input
for Daisy Chain mode. Internal pull-
down resistor (~74k
Ω).
May be connected to VSS if
programming is not used
9
DO
DO_T
Data Output of
Synchronous Serial Interface
10
CLK
DI,
ST
Clock Input of
Synchronous Serial Interface; Schmitt-
Trigger input
11
CSn
DI_PU,
ST
Chip Select, active low; Schmitt-Trigger
input, internal pull-up resistor (~50k
Ω)
connect to VSS in incremental mode
(see 5.2.1)
12
PWM_LSB
DO
Pulse Width Modulation of approx.
1kHz; LSB in Mode3.x
13
NC
-
Must be left unconnected
14
NC
-
Must be left unconnected
15
VDD3V3
S
3V-Regulator Output (see Figure 18)
16
VDD5V
S
Positive Supply Voltage 5 V
Table 2: Pin description SSOP16
DO_OD
digital output open drain
S
supply pin
DO
digital output
DI
digital input
DI_PD
digital input pull-down
DO_T digital output /tri-state
DI_PU
digital input pull-up
ST
Schmitt-Trigger input
Mode 3.x: Brushless DC Motor Commutation Mode:
In addition to the absolute encoder output over the SSI
interface, this mode provides commutation signals for
brushless DC motors with either one pole pair or two pole
pair rotors. The commutation signals are usually provided
by 3 discrete Hall switches, which are no longer required,
as the AS5040 can fulfill two tasks in parallel: absolute
encoder + BLDC motor commutation.
In this mode, pin 12 provides the LSB output instead of
the PWM (Pulse-Width-Modulation) signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com