Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 24 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 24 Page - ams AG

Back Button AS5040 Datasheet HTML 20Page - ams AG AS5040 Datasheet HTML 21Page - ams AG AS5040 Datasheet HTML 22Page - ams AG AS5040 Datasheet HTML 23Page - ams AG AS5040 Datasheet HTML 24Page - ams AG AS5040 Datasheet HTML 25Page - ams AG AS5040 Datasheet HTML 26Page - ams AG AS5040 Datasheet HTML 27Page - ams AG AS5040 Datasheet HTML 28Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 24 of 28
Integral Non-Linearity (INL) is the maximum deviation between actual position and indicated position.
Differential Non-Linearity (DNL) is the maximum deviation of the step length from one position to the next.
Transition Noise (TN) is the repeatability of an indicated position.
16.6 Timing Characteristics
Synchronous Serial Interface (SSI)
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Data output activated (logic
high)
t DO active
100
ns
Time between falling edge of CSn and data output
activated
First data shifted to output
register
tCLK FE
500
ns
Time between falling edge of CSn and first falling
edge of CLK
Start of data output
T CLK / 2
500
ns
Rising edge of CLK shifts out one bit at a time
Data output valid
t DO valid
357
375
394
ns
Time between rising edge of CLK and data output
valid
Data output tristate
t DO tristate
100
ns
After the last bit DO changes back to “tristate”
Pulse width of CSn
t CSn
500
ns
CSn = high; To initiate read-out of next angular
position
Read-out frequency
fCLK
>0
1
MHz
Clock frequency to read out serial data
Pulse Width Modulation Output
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
0.927 0.976
1.024
Signal period = 1025µs
±5% at Tamb = 25°C
PWM frequency
f PWM
0.878 0.976
1.074
KHz
=1025µs
±10% at Tamb = -40 to +125°C
Minimum pulse width
PW MIN
0.95
1
1.05
µs
Position 0d; angle 0 degree
Maximum pulse width
PW MAX
973
1024
1075
µs
Position 1023d; angle 359.65 degree
Incremental Outputs
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Incremental outputs valid after
power-up
t Incremental
outputs valid
500
ns
Time between first falling edge of CSn after power-up
and valid incremental outputs
Directional indication valid
t Dir valid
500
ns
Time between rising or falling edge of LSB output and
valid directional indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com