Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 8 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 8 Page - ams AG

Back Button AS5040 Datasheet HTML 4Page - ams AG AS5040 Datasheet HTML 5Page - ams AG AS5040 Datasheet HTML 6Page - ams AG AS5040 Datasheet HTML 7Page - ams AG AS5040 Datasheet HTML 8Page - ams AG AS5040 Datasheet HTML 9Page - ams AG AS5040 Datasheet HTML 10Page - ams AG AS5040 Datasheet HTML 11Page - ams AG AS5040 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 8 of 28
Parameter
Symbol
Typ
Unit
Note
PWM
frequency
fPWM
0.9756 kHz Signal period: 1025µs
MIN pulse
width
PWMIN
1
µs
- Position 0d
- Angle 0 deg
MAX pulse
width
PWMAX
1024
µs
- Position 1023d
- Angle 359,65 deg
Table 5: PWM signal parameters
7
Analog Output
An analog output may be generated by averaging the
PWM signal, using an external active or passive lowpass
filter. The analog output voltage is proportional to the
angle: 0°= 0V; 360° = VDD5V.
Using this method, the AS5040 can be used as direct
replacement of potentiometers.
Figure 10: Simple passive 2nd order lowpass filter
R1,R2
≥ 4k7
C1,C2
≥ 1µF / 6V
R1 should be
≥4k7 to avoid loading of the PWM output.
Larger values of Rx and Cx will provide better filtering
and less ripple, but will also slow down the response
time.
8
Brushless DC Motor Commutation
Mode
Brushless DC motors require angular information for
stator commutation. The AS5040 provides U-V-W
commutation signals for one and two pole pair motors. In
addition to the three-phase output signals, the step (LSB)
output
at
pin
12
allows
high
accuracy
speed
measurement. Two resolutions (9 or 10 bit) can be
selected by programming Div0 according to Table 6.
Mode 3.0 (3.1) is used for brush-less DC motors with
one-pole pair rotors. The three phases (U, V, W) are 120
degrees apart, each phase is 180 degrees on and 180
degrees off.
Mode 3.2 (3.3) is used for motors with two pole pairs
requiring a higher pulse count to ensure a proper current
commutation. In this case the pulse width is 256 positions,
equal to 90 degrees.
The precise physical angle at which the U, V and W signals
change state (“Angle” in Figure 11 and Figure 12) is
calculated by multiplying each transition position by the
angular value of 1 count:
Angle [deg] = Position x (360 degree / 1024)
Commutation - Mode 3.0 (One-pole-pair)
U
V
W
Position:
0
171
341
512
683
853
0
Angle:
0.0
60.12
119.88
180.0
240.12
299.88
360.0
Width: 512 Steps
Width: 512 Steps
CW Direction
Figure 11: U, V and V-signals for BLDC motor commutation (Div1=0, Div0=0)
360°
C1
R1
R2
analog out
C2
Pin12
PWM
Pin7
VSS
0°
0V
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com