Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 14 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 14 Page - ams AG

Back Button AS5040 Datasheet HTML 10Page - ams AG AS5040 Datasheet HTML 11Page - ams AG AS5040 Datasheet HTML 12Page - ams AG AS5040 Datasheet HTML 13Page - ams AG AS5040 Datasheet HTML 14Page - ams AG AS5040 Datasheet HTML 15Page - ams AG AS5040 Datasheet HTML 16Page - ams AG AS5040 Datasheet HTML 17Page - ams AG AS5040 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 14 of 28
LDO
I
N
T
E
R
F
A
C
E
1...10µF
100n
4.5 - 5.5V
DO
Prog
Index_W
B_Dir_V
A_LSB_U
CLK
PW M_LSB
VDD3V3
VSS
VDD5V
5V Operation
Internal
VDD
CSn
LDO
100n
3.0 - 3.6V
VDD3V3
VSS
VDD5V
3.3V Operation
Internal
VDD
I
N
T
E
R
F
A
C
E
DO
Prog
Index_W
B_Dir_V
A_LSB_U
CLK
PW M_LSB
CSn
Figure 18: Connections for 5V / 3.3V supply voltages
A buffer capacitor of 100nF is recommended in both
cases close to pin VDD5V. Note that pin VDD3V3 must
always be buffered by a capacitor. It must not be left
floating, as this may cause an instable internal 3.3V
supply voltage which may lead to larger than normal jitter
of the measured angle..
12 Choosing the Proper Magnet
Typically the magnet should be 6mm in diameter and
≥2.5mm in height. Magnetic materials such as rare earth
AlNiCo, SmCo5 or NdFeB are recommended.
The magnet’s field strength perpendicular to the die
surface should be verified using a gauss-meter. The
magnetic field Bv at a given distance, along a concentric
circle with a radius of 1.1mm (R1), should be in the range
of ±45mT…±75mT. (see Figure 19).
Magnet axis
Vertical field
component
(45…75mT)
0
360
360
Bv
Vertical field
component
R1 concentric circle;
radius 1.1mm
R1
Magnet axis
typ. 6mm diameter
S
N
Figure 19: Typical magnet and magnetic field distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com