Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 16 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 16 Page - ams AG

Back Button AS5040 Datasheet HTML 12Page - ams AG AS5040 Datasheet HTML 13Page - ams AG AS5040 Datasheet HTML 14Page - ams AG AS5040 Datasheet HTML 15Page - ams AG AS5040 Datasheet HTML 16Page - ams AG AS5040 Datasheet HTML 17Page - ams AG AS5040 Datasheet HTML 18Page - ams AG AS5040 Datasheet HTML 19Page - ams AG AS5040 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 16 of 28
The
±0.5° angular error assumes a magnet optimally
aligned over the center of the die and is a result of gain
mismatch errors of the AS5040. Placement tolerances of
the die within the package are
±0.235mm in X and Y
direction, using a reference point of the edge of pin #1
(Figure 22).
In order to neglect the influence of external disturbing
magnetic fields, a robust differential sampling and
ratiometric calculation algorithm has been implemented.
The differential sampling of the sine and cosine vectors
removes any common mode error due to DC components
introduced by the magnetic source itself or external
disturbing magnetic fields. A ratiometric division of the
sine and cosine vectors removes the need for an
accurate absolute magnitude of the magnetic field and
thus accurate Z-axis alignment of the magnetic source.
The recommended differential input range of the
magnetic field strength (B(X1-X2),B(Y1-Y2)) is
±75mT at the
surface of the die. In addition to this range, an additional
offset of
±5mT, caused by unwanted external stray fields
is allowed.
The chip will continue to operate, but with degraded
output linearity, if the signal field strength is outside the
recommended range. Too strong magnetic fields will
introduce errors due to saturation effects in the internal
preamplifiers. Too weak magnetic fields will introduce
errors due to noise becoming more dominant.
14 Failure Diagnostics
The AS5040 also offers several diagnostic and failure
detection features:
14.1 Magnetic Field Strength Diagnosis
By software: the MagINCn and MagDECn status bits will
both be high when the magnetic field is out of range.
By hardware: Pins #1 (MagINCn) and #2 (MagDECn) are
open-drain outputs and will both be turned on (= low with
external pull-up resistor) when the magnetic field is out
of range. If only one of the outputs is low, the magnet is
either moving towards the chip (MagINCn) or away from
the chip (MagDECn).
14.2 Power Supply Failure Detection
By software: If the power supply to the AS5040 is
interrupted, the digital data read by the SSI will be all
“0”s. Data is only valid, when bit OCF is high, hence a
data stream with all “0”s is invalid. To ensure adequate
low levels in the failure case, a pull-down resistor
(~10k
Ω) should be added between pin DO and VSS at
the receiving side.
By hardware: The MagINCn and MagDECn pins are
open drain outputs and require external pull-up resistors.
In normal operation, these pins are high ohmic and the
outputs are high (see Table 3). In a failure case, either
when the magnetic field is out of range or the power
supply is missing, these outputs will become low. To
ensure adequate low levels in case of a broken power
supply to the AS5040, the pull-up resistors (>10k
Ω) from
each pin must be connected to the positive supply at pin
16 (VDD5V).
By hardware: PWM output: The PWM output is a
constant stream of pulses with 1kHz repetition frequency.
In case of power loss, these pulses are missing.
By hardware: Incremental outputs: In normal operation,
pins A(#3), B(#4) and Index (#6) will never be high at the
same time, as Index is only high when A=B=low.
However, after a power-on-reset, if VDD is powered up or
restarts after a power supply interruption, all three
outputs will remain in high state until pin CSn is pulled
low. If CSn is already tied to VSS during power-up, the
incremental outputs will all be high until the internal
offset compensation is finished (within tPwrUp).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com