Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 27 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 27 Page - ams AG

Back Button AS5040 Datasheet HTML 20Page - ams AG AS5040 Datasheet HTML 21Page - ams AG AS5040 Datasheet HTML 22Page - ams AG AS5040 Datasheet HTML 23Page - ams AG AS5040 Datasheet HTML 24Page - ams AG AS5040 Datasheet HTML 25Page - ams AG AS5040 Datasheet HTML 26Page - ams AG AS5040 Datasheet HTML 27Page - ams AG AS5040 Datasheet HTML 28Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 27 of 28
19 Recommended PCB Footprint
Recommended Footprint Data
mm
inch
A
9.02
0.355
B
6.16
0.242
C
0.46
0.018
D
0.65
0.025
E
5.01
0.197
20 Revision History
Revision
Date
Description
1.6
Oct.3,2006
Update ISupp (16.2),
Boff (16.4), TN (16.5), tDOvalid (16.6), definition of magnet thickness
1.5
Mar. 24. 2006
New
Figure 14 pulsed OTP prog., modify Figure 15, added prog. conditions table 16.7
Oct.25, 2005
modify
Figure 1, thermal resistance (Package Drawings and Markings)
1.4
Sep.27, 2005
update incremental output signals (
Figure 7), propagation delay. thermal resistance of IC
package
1.3
Feb.08,2005
add description of programming in Daisy Chain mode (4.2.1)
add x-y-misalignment range for magnet over die vs. magnet over IC package (16.4)
add power-up rise time of external supply in 3.3V mode (16.2)
1.2
Nov. 24, 2004
update block diagram (
Figure 3)
update definition of Parity bit
add description of incremental power-up lock option (5.2.1)
add specification of external components during programming (9)
add
Figure 15: OTP programming connection diagram
add description of analog readback mode (9.6)
update description of alignment mode (0)
replace
Figure 23(magnet placement)
add simulation model (1)
add timing diagram for Daisy Chain mode (
Figure 6)
add description of diagnostic features (0)
add description of angular errors (15)
update max. soldering temperature according to JEDEC-Std. (16.1)
update maximum current consumption (16.2)
remove option for 1bit Hysteresis (0)
add nonlinearity parameter for centered magnet over temperature (0)
update power-up time (0)
modify
Figure 25
update PWM timing tolerance over temperature (16.6)
update device number in ordering information (18)
1.1
Jun. 11, 2004
1.0
April. 2, 2004
updated Fig.7
added Fig.8 : Daisy Chain mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com