Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 1 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 1 Page - ams AG

  AS5040 Datasheet HTML 1Page - ams AG AS5040 Datasheet HTML 2Page - ams AG AS5040 Datasheet HTML 3Page - ams AG AS5040 Datasheet HTML 4Page - ams AG AS5040 Datasheet HTML 5Page - ams AG AS5040 Datasheet HTML 6Page - ams AG AS5040 Datasheet HTML 7Page - ams AG AS5040 Datasheet HTML 8Page - ams AG AS5040 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 1 of 28
1
General Description
The AS5040 is a contactless magnetic rotary encoder for
accurate angular measurement over a full turn of 360°.
It is a system-on-chip, combining integrated Hall
elements, analog front end and digital signal processing
in a single device.
To measure the angle, only a simple two-pole magnet,
rotating over the center of the chip, is required. The
magnet may be placed above or below the IC.
The absolute angle measurement provides instant
indication of the magnet’s angular position with a
resolution of 0.35° = 1024 positions per revolution. This
digital data is available as a serial bit stream and as a
PWM signal.
Furthermore, a user-programmable incremental output is
available, making the chip suitable for replacement of
various optical encoders.
An internal voltage regulator allows the AS5040 to
operate at either 3.3 V or 5 V supplies
Figure 1: Typical arrangement of AS5040 and magnet
1.1
Benefits
-
Complete system-on-chip
-
Flexible system solution provides absolute, PWM
and incremental outputs simultaneously
-
Ideal for applications in harsh environments due to
contactless position sensing
-
Tolerant to magnet misalignment and airgap
variations
-
No temperature compensation necessary
-
No calibration required
1.2
Key Features
-
Contactless high resolution rotational position
encoding over a full turn of 360 degrees
-
Two digital 10bit absolute outputs:
- Serial interface and
- Pulse width modulated (PWM) output
-
Three incremental output modes:
- Quadrature A/B and Index output signal
- Step / Direction and Index output signal
- 3-phase commutation for brushless DC motors
- 10, 9, 8 or 7 bit user programmable resolution
-
User programmable zero / index position
-
Failure detection mode for magnet placement
monitoring and loss of power supply
-
Rotational speeds up to 10,000 rpm
-
Push button functionality detects movement of
magnet in Z-axis
-
Serial read-out of multiple interconnected AS5040
devices using Daisy Chain mode
-
Wide temperature range: - 40°C to + 125°C
-
Fully automotive qualified to AEC-Q100, grade 1
-
Small Pb-free package: SSOP 16 (5.3mm x 6.2mm)
1.3
Applications
-
Industrial applications:
- Contactless rotary position sensing
- Robotics
- Brushless DC motor commutation
- Power tools
-
Automotive applications:
- Steering wheel position sensing
- Gas pedal position sensing
- Transmission gearbox encoder
- Headlight position control
- Power seat position indicator
-
Office equipment: printers, scanners, copiers
-
Replacement of optical encoders
-
Front panel rotary switches
-
Replacement of potentiometers
AS5040
10 BIT 360° PROGRAMMABLE MAGNETIC ROTARY ENCODER
DATA SHEET


Similar Part No. - AS5040

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5040 AMSCO-AS5040 Datasheet
699Kb / 33P
10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040 Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
logo
ams AG
AS5040ASST AMSCO-AS5040ASST Datasheet
699Kb / 33P
10Bit 360 Programmable Magnetic Rotary Encoder
AS5040ASSU AMSCO-AS5040ASSU Datasheet
699Kb / 33P
10Bit 360 Programmable Magnetic Rotary Encoder
More results

Similar Description - AS5040

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5145 AMSCO-AS5145 Datasheet
1Mb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5050 AMSCO-AS5050 Datasheet
588Kb / 22P
Low Power 10-Bit Magnetic Rotary Encoder
AS5045_V1 AMSCO-AS5045_V1 Datasheet
589Kb / 33P
12 Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5145H ETC2-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5045 AMSCO-AS5045_10 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5050 AMSCO-AS5050_07 Datasheet
597Kb / 25P
Low Power 10-Bit Magnetic Rotary Encoder
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com