Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 18 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 18 Page - ams AG

Back Button AS5040 Datasheet HTML 14Page - ams AG AS5040 Datasheet HTML 15Page - ams AG AS5040 Datasheet HTML 16Page - ams AG AS5040 Datasheet HTML 17Page - ams AG AS5040 Datasheet HTML 18Page - ams AG AS5040 Datasheet HTML 19Page - ams AG AS5040 Datasheet HTML 20Page - ams AG AS5040 Datasheet HTML 21Page - ams AG AS5040 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 18 of 28
15.2 Transition Noise
Transition noise is defined as the jitter in the transition
between two steps.
Due to the nature of the measurement principle (Hall
sensors + Preamplifier + ADC), there is always a certain
degree of noise involved.
This transition noise voltage results in an angular
transition noise at the outputs. It is specified as 0.12
degrees rms (1 sigma)*1.
This is the repeatability of an indicated angle at a given
mechanical position.
The transition noise has different implications on the type
of output that is used:
Absolute output; SSI interface:
The transition noise of the absolute output can be
reduced by the user by applying an averaging of
readings. An averaging of 4 readings will reduce the
transition noise by 6dB or 50%, e.g. from 0.12°rms
to 0.06°rms (1 sigma).
PWM interface:
If the PWM interface is used as an analog output by
adding a low pass filter, the transition noise can be
reduced by lowering the cutoff frequency of the
filter.
If the PWM interface is used as a digital interface
with a counter at the receiving side, the transition
noise may again be reduced by averaging of
readings.
Incremental mode:
In incremental mode, the transition noise influences
the period, width and phase shift of the output
signals A, B and Index. However, the algorithm used
to generate the incremental outputs guarantees no
missing or additional pulses even at high speeds (up
to 10,000 rpm and higher)
*1
: statistically, 1 sigma represents 68.27% of readings,
3 sigma represents 99.73% of readings.
15.3 High Speed Operation
15.3.1
Sampling Rate
The AS5040 samples the angular value at a rate of
10.42k samples per second. Consequently, the
incremental, as well as the absolute outputs are updated
each 96µs.
At a stationary position of the magnet, this sampling rate
creates no additional error.
Absolute Mode:
With the given sampling rate of 10.4 kHz, the number of
samples (n) per turn for a magnet rotating at high speed
can be calculated by:
s
rpm
n
μ
96
60
⋅
=
In practice, there is no upper speed limit. The only
restriction is that there will be fewer samples per
revolution as the speed increases.
Regardless of the rotational speed, the absolute angular
value is always sampled at the highest resolution of
10 bit.
Likewise, for a given number of samples per revolution
(n), the maximum speed can be calculated by:
s
n
rpm
μ
96
60
⋅
=
In absolute mode (serial interface and PWM output),
610 rpm is the maximum speed, where 1024 readings per
revolution can be obtained.
In incremental mode, the maximum error caused by the
sampling rate of the ADCs is 0/+96µs. It has a peak of
1LSB = 0.35° at 610 rpm.
At higher speeds this error is reduced again due to
interpolation and the output delay remains at 192µs
as the DSP requires two sampling periods (2x96µs) to
synthesize and redistribute any missing pulses.
Incremental Mode:
Incremental encoders are usually required to produce no
missing pulses up to several thousand rpm’s.
Therefore, the AS5040 has a built-in interpolator, which
ensures that there are no missing pulses at the
incremental outputs for rotational speeds of up to 10,000
rpm, even at the highest resolution of 10 bits (512 pulses
per revolution).
Absolute Output Mode
Incremental Output
Mode
610rpm = 1024 samples / turn
122rpm = 512 samples / turn
2441rpm = 256 samples / turn
etc…
no missing pulses
@ 10 bit resolution
(512ppr):
max. speed = 10,000 rpm
Table 7: Speed performance
15.4 Propagation Delays
The propagation delay is the delay between the time that
a sample is taken until it is converted and available as
angular data. This delay is 48µs for the absolute
interface and 192µs for the incremental interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com