Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 11 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 11 Page - ams AG

Back Button AS5040 Datasheet HTML 7Page - ams AG AS5040 Datasheet HTML 8Page - ams AG AS5040 Datasheet HTML 9Page - ams AG AS5040 Datasheet HTML 10Page - ams AG AS5040 Datasheet HTML 11Page - ams AG AS5040 Datasheet HTML 12Page - ams AG AS5040 Datasheet HTML 13Page - ams AG AS5040 Datasheet HTML 14Page - ams AG AS5040 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 11 of 28
9.2
Incremental Mode Programming
Three different incremental output modes are available.
Mode: Md1=0 / Md0=1 sets the AS5040 in quadrature
mode.
Mode: Md1=1 / Md0=0 sets the AS5040 in step / direction
mode (see Table 1)
In both modes, the incremental resolution may be
reduced from 10 bit down to 9, 8 or 7 bit using the divider
OTP bits Div1 and Div0. (see Table 6 below ).
Mode: Md1=1 / Md0=1 sets the AS5040 in brushless DC
motor commutation mode with an additional LSB
incremental signal at pin 12 (PWM_LSB).
To allow programming of all bits, the default factory
setting is all bits = 0. This mode is equal to mode 1:0
(quadrature A/B, 1LSB index width, 256ppr).
The absolute angular output value, by default, increases
with clockwise rotation of the magnet (top view). Setting
the CCW-bit (see Figure 13) allows reversing the
indicated direction, e.g. when the magnet is placed
underneath the IC:
CCW = 0 – angular value increases clockwise;
CCW = 1 – angular value increases counterclockwise.
By default, the zero / index position pulse is one LSB
wide. It can be increased to a three LSB wide pulse by
setting the Index-bit of the OTP register.
Further programming options (commutation modes) are
available for brushless DC motor-control.
Md1 = Md0 = 1 changes the incremental output pins 3, 4
and 6 to a 3-phase commutation signal. Div1 defines the
number of pulses per revolution for either a two-pole
(Div1=0) or four-pole (Div1=1) rotor.
In addition, the LSB is available at pin 12 (the LSB signal
replaces the PWM-signal), which allows for high
rotational speed measurement of up to 10,000 rpm.
OTP-Mode-Register-Bit
Pin #
Pulses per
Revolution
Incremental
Resolution
Mode
Md1
Md0 Div1 Div0 Index
3
4
6
12
ppr
bit
Default (Mode0.0)
0
0
0*
0*
0*
1LSB
quadAB-Mode1.0
0
1
0
0
0
1LSB
quadAB-Mode1.1
0
1
0
0
1
3LSBs
2x256
10
quadAB-Mode1.2
0
1
0
1
0
1LSB
quadAB-Mode1.3
0
1
0
1
1
3LSBs
2x128
9
quadAB-Mode1.4
0
1
1
0
0
1LSB
quadAB-Mode1.5
0
1
1
0
1
3LSBs
2x64
8
quadAB-Mode1.6
0
1
1
1
0
1LSB
quadAB-Mode1.7
0
1
1
1
1
A
B
3LSBs
PWM
10 bit
2x32
7
Step/Dir-Mode2.0
1
0
0
0
0
1LSB
Step/Dir-Mode2.1
1
0
0
0
1
3LSBs
512
10
Step/Dir -Mode2.2
1
0
0
1
0
1LSB
Step/Dir -Mode2.3
1
0
0
1
1
3LSBs
256
9
Step/Dir -Mode2.4
1
0
1
0
0
1LSB
Step/Dir -Mode2.5
1
0
1
0
1
3LSBs
128
8
Step/Dir -Mode2.6
1
0
1
1
0
1LSB
Step/Dir -Mode2.7
1
0
1
1
1
LSB
Dir
3LSBs
PWM
10 bit
64
7
Commutation-Mode3.0
1
1
0
0
0
10
Commutation-Mode3.1
1
1
0
1
0
U(0º)
V(120º)
W(240º)
LSB
3 x 1
9
Commutation-Mode3.2
1
1
1
0
0
10
Commutation-Mode3.3
1
1
1
1
0
U’
(0º, 180º)
V’
(60º,240º)
W’
(120º,300º) LSB
2 x 3
9
Table 6: One Time Programmable (OTP) register options
*Note: Div1, Div0 and Index cannot be programmed in Mode 0:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com