Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 13 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 13 Page - ams AG

Back Button AS5040 Datasheet HTML 9Page - ams AG AS5040 Datasheet HTML 10Page - ams AG AS5040 Datasheet HTML 11Page - ams AG AS5040 Datasheet HTML 12Page - ams AG AS5040 Datasheet HTML 13Page - ams AG AS5040 Datasheet HTML 14Page - ams AG AS5040 Datasheet HTML 15Page - ams AG AS5040 Datasheet HTML 16Page - ams AG AS5040 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 13 of 28
In te rn a l
te s t b it
digita l
V unprogram m ed
V program m ed
CS n
CL K
1
1 6
P rog
Pro g EN
Md 1
Md 0
A nalog R ead ba c k D a ta a t P rog
Ou tp E N
tLoadProg
CL K Aread
P ro g ch an ges to O u tp ut
V ref
P ow e r-o n-
Re s e t;
tu rn o ff
s u pply
Div 1
Div 0
Z6
Z5
Z8
Z7
ccw
Z9
Figure 16: OTP register analog read
10 Alignment Mode
The alignment mode simplifies centering the magnet over
the chip to gain maximum accuracy and XY-alignment
tolerance.
This electrical centering method allows a wider XY-
alignment tolerance (0.485mm radius) than mechanical
centering (0.25mm radius) as it eliminates the placement
tolerance of the die within the IC package (+/- 0.235mm).
Alignment mode can be enabled with the falling edge of
CSn while Prog = logic high (Figure 17). The Data bits
D9-D0 of the SSI change to a 10-bit displacement
amplitude output. A high value indicates large X or Y
displacement, but also higher absolute magnetic field
strength. The magnet is properly aligned, when the
difference between highest and lowest value over one full
turn is at a minimum.
Under normal conditions, a properly aligned magnet will
result in a reading of less than 32 over a full turn.
The MagINCn and MagDECn indicators will be = 1 when
the alignment mode reading is < 32. At the same time,
both hardware pins MagINCn (#1) and MagDECn (#2) will
be pulled to VSS. A properly aligned magnet will
therefore produce a MagINCn = MagDECn = 1 signal
throughout a full 360° turn of the magnet.
Stronger magnets or short gaps between magnet and IC
may show values larger than 32. These magnets are still
properly aligned as long as the difference between
highest and lowest value over one full turn is at a
minimum.
The alignment mode can be reset to normal operation
mode by a power-on-reset (disconnect / re-connect
power supply).
AlignMode enable
Prog
CSn
Read-out
via SSI
2µs
min.
2µs
min.
Figure 17: Enabling the alignment mode
11 3.3V / 5V Operation
The AS5040 operates either at 3.3V ±10% or at 5V
±10%. This is made possible by an internal 3.3V Low-
Dropout (LDO) voltage regulator. The internal supply
voltage is always taken from the output of the LDO,
meaning that the internal blocks are always operating at
3.3V.
For 3.3V operation, the LDO must be bypassed by
connecting VDD3V3 with VDD5V (see Figure 18).
For 5V operation, the 5V supply is connected to pin
VDD5V, while VDD3V3 (LDO output) must be buffered by
a 1...10µF capacitor, which is supposed to be placed
close to the supply pin (see Figure 18).
The VDD3V3 output is intended for internal use only It
must not be loaded with an external load.
The output voltage of the digital interface I/O’s
corresponds to the voltage at pin VDD5V, as the I/O
buffers are supplied from this pin (see Figure 18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com