Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 17 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 17 Page - ams AG

Back Button AS5040 Datasheet HTML 13Page - ams AG AS5040 Datasheet HTML 14Page - ams AG AS5040 Datasheet HTML 15Page - ams AG AS5040 Datasheet HTML 16Page - ams AG AS5040 Datasheet HTML 17Page - ams AG AS5040 Datasheet HTML 18Page - ams AG AS5040 Datasheet HTML 19Page - ams AG AS5040 Datasheet HTML 20Page - ams AG AS5040 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 17 of 28
15 Angular Output Tolerances
15.1 Accuracy
Accuracy is defined as the error between measured
angle and actual angle. It is influenced by several
factors:
the non-linearity of the analog-digital converters,
internal gain and mismatch errors,
non-linearity due to misalignment of the magnet
As a sum of all these errors, the accuracy with centered
magnet = (Errmax – Errmin)/2 is specified as better than
±0.5 degrees @ 25°C (see igure 24).
Misalignment of the magnet further reduces the
accuracy. Figure 23 shows an example of a 3D-graph
displaying non-linearity over XY-misalignment. The
center of the square XY-area corresponds to a centered
magnet (see dot in the center of the graph). The X- and
Y- axis extends to a misalignment of
±1mm in both
directions. The total misalignment area of the graph
covers a square of 2x2 mm (79x79mil) with a step size of
100µm.
For each misalignment step, the measurement as shown
in igure 24 is repeated and the accuracy
(Errmax – Errmin)/2 (e.g. 0.25° in igure 24) is entered as
the Z-axis in the 3D-graph.
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
0
1
2
3
4
5
6
°
x
y
Linearity Error over XY-misalignment [°]
Figure 23: Example of linearity error over XY misalignment
The maximum non-linearity error on this example is
better than
±1 degree (inner circle) over a misalignment
radius of ~0.7mm. For volume production, the placement
tolerance of the IC within the package (
±0.235mm) must
also be taken into account.
The total nonlinearity error over process tolerances,
temperature and a misalignment circle radius of 0.25mm
is specified better than
±1.4 degrees.
The magnet used for this measurement was a cylindrical
NdFeB (Bomatec® BMN-35H) magnet with 6mm diameter
and 2.5mm in height.
igure 24: Example of linearity error over 360°
linearity error with centered magnet [d egree s]
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
55
109
163
217
271
325
379
433
487
541
595
649
703
757
811
865
919
973
transition noise
Errmax
Errmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com