Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 4 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 4 Page - ams AG

  AS5040 Datasheet HTML 1Page - ams AG AS5040 Datasheet HTML 2Page - ams AG AS5040 Datasheet HTML 3Page - ams AG AS5040 Datasheet HTML 4Page - ams AG AS5040 Datasheet HTML 5Page - ams AG AS5040 Datasheet HTML 6Page - ams AG AS5040 Datasheet HTML 7Page - ams AG AS5040 Datasheet HTML 8Page - ams AG AS5040 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 4 of 28
4
10-bit Absolute Angular Position Output
4.1
Synchronous Serial Interface (SSI)
Even
PAR
CSn
CLK
DO
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
18
16
COF
LIN
OCF
Mag
INC
Mag
DEC
t DO active
t DO Tristate
1
D9
t CLK FE
t DO valid
t CLK FE
t CSn
T CLK / 2
Angular Position Data
Status Bits
Figure 4: Synchronous serial interface with absolute angular position data
If CSn changes to logic low, Data Out (DO) will change
from high impedance (tri-state) to logic high and the
read-out will be initiated.
After a minimum time tCLK FE, data is latched into the
output shift register with the first falling edge of
CLK.
Each subsequent rising CLK edge shifts out one bit
of data.
The serial word contains 16 bits, the first 10 bits are
the angular information D[9:0], the subsequent 6 bits
contain system information, about the validity of
data such as OCF, COF, LIN, Parity and Magnetic
Field status (increase/decrease) .
A subsequent measurement is initiated by a log.
“high” pulse at CSn with a minimum duration of tCSn.
Data Content:
D9:D0 absolute angular position data (MSB is
clocked out first)
OCF (Offset Compensation Finished), logic high
indicates the finished Offset Compensation Algorithm.
For fast startup, this bit may be polled by the external
microcontroller. As soon as this bit is set, the AS5040
has completed the startup and the data is valid (see
Table 4)
COF (Cordic Overflow), logic high indicates an out of
range error in the CORDIC part. When this bit is set,
the data at D9:D0 is invalid. The absolute output
maintains the last valid angular value.
This alarm may be resolved by bringing the magnet
within the X-Y-Z tolerance limits.
LIN (Linearity Alarm), logic high indicates that the
input field generates a critical output linearity.
When this bit is set, the data at D9:D0 may still be
used, but can contain invalid data. This warning may
be resolved by bringing the magnet within the X-Y-Z
tolerance limits.
MagINCn, (Magnitude Increase) becomes HIGH, when
the magnet is pushed towards the IC, thus the magnetic
field strength is increasing.
MagDECn, (Magnitude Decrease) becomes HIGH, when
the magnet is pulled away from the IC, thus the magnetic
field strength is decreasing.
Both signals HIGH indicate a magnetic field that is out of
the allowed range (see Table 3).
Mag
INCn
Mag
DECn
Description
0
0
No distance change
Magnetic Input Field OK (in range)
0
1
Distance increase: Pull-function. This state
is dynamic, it is only active while the magnet
is moving away from the chip in Z-axis
1
0
Distance decrease: Push- function. This
state is dynamic, it is only active while the
magnet is moving towards the chip in Z.-
axis.
1
1
Magnetic Input Field invalid – out of range:
too large, too small (missing magnet)
Table 3: Magnetic magnitude variation indicator
Note: Pins 1 and 2 (MagINCn, MagDECn) are open drain
outputs and require external pull-up resistors. If the
magnetic field is in range, both outputs are turned off.
The two pins may also be combined with a single pull-up
resistor. In this case, the signal is high when the
magnetic field is in range. It is low in all other cases (see
Table 3).
Even Parity bit for transmission error detection of bits
1…15 (D9…D0, OCF, COF, LIN, MagINCn, MagDECn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com