Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 5 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 5 Page - ams AG

  AS5040 Datasheet HTML 1Page - ams AG AS5040 Datasheet HTML 2Page - ams AG AS5040 Datasheet HTML 3Page - ams AG AS5040 Datasheet HTML 4Page - ams AG AS5040 Datasheet HTML 5Page - ams AG AS5040 Datasheet HTML 6Page - ams AG AS5040 Datasheet HTML 7Page - ams AG AS5040 Datasheet HTML 8Page - ams AG AS5040 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 5 of 28
The absolute angular output is always set to a resolution
of 10 bit. Placing the magnet above the chip, angular
values increase in clockwise direction by default.
Data D9:D0 is valid, when the status bits have the
following configurations:
OCF
COF
LIN
Mag
INCn
Mag
DECn
Parity
0
0
0
1
1
0
0
1
0
even
checksum of
bits 1:15
Table 4: Status bit outputs
The absolute angular position is sampled at a rate of
10kHz (0.1ms). This allows reading of all 1024 positions
per 360 degrees within 0.1 seconds = 9.76Hz (~10Hz)
without skipping any position. Multiplying 10Hz by 60,
results the corresponding maximum rotational speed of
600 rpm.
Readout of every second angular position allows for
rotational speeds of up to 1200rpm.
Consequently, increasing the rotational speed reduces
the number of absolute angular positions per revolution
(see Table 7). Regardless of the rotational speed or the
number of positions to be read out, the absolute angular
value is always given at the highest resolution of 10 bit.
The incremental outputs are not affected by rotational
speed restrictions due to the implemented interpolator.
The incremental output signals may be used for high-
speed applications with rotational speeds of up to 10,000
rpm without missing pulses.
4.2
Daisy Chain Mode
The Daisy Chain mode allows connection of several
AS5040’s in series, while still keeping just one digital
input for data transfer (see “Data IN” in Figure 5 below).
This mode is accomplished by connecting the data output
(DO; pin 9) to the data input (Prog; pin 8) of the
subsequent device. The serial data of all connected
devices is read from the DO pin of the first device in the
chain. The Prog pin of the last device in the chain should
be connected to VSS. The length of the serial bit stream
increases with every connected device, it is
n * (16+1) bits:
e.g. 34 bit for two devices, 51 bit for three devices, etc…
The last data bit of the first device (Parity) is followed by
a logic low bit and the first data bit of the second device
(D9), etc… (see Figure 6).
4.2.1
Programming Daisy Chained Devices
In Daisy Chain mode, the Prog pin is connected directly
to the DO pin of the subsequent device in the chain (see
Figure 5). During programming (see section 9), a
programming voltage of 7.5V must be applied to pin
Prog. This voltage level exceeds the limits for pin DO, so
one of the following precautions must be made during
programming:
•
open
the
connection
DO Prog
during
programming or
•
add a Schottky diode between DO and Prog
(Anode = DO, Cathode = Prog)
Due to the parallel connection of CLK and CSn, all
connected devices may be programmed simultaneously.
AS5040
1st Device
Prog
DO
CLK
CSn
CLK
µC
Prog
DO
CLK
CSn
Prog
DO
CLK
CSn
Data IN
CSn
AS5040
2nd Device
AS5040
last Device
Figure 5: Daisy Chain hardware configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com