Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC9256AFG Datasheet HTML 1Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 2Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 3Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 4Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 5Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 6Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 7Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 8Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
4
Pin No.
Symbol
Pin Name
Function
Circuit Diagram
18
(
⎯)
I/O-7/SCIN
General-purpose I/O
ports
/General-purpose
counter cycle
measurement input
General-purpose I/O port input/output
pin. Can be switched for use as signal
input pin to measure low-frequency signal
cycles. (Not available on the TC9256APG
and TC9256AFG.)
Note: This pin is set for input when power
is turned on.
19
(15)
DO1
20
(16)
DO2
(DO2/OT-4)
Phase comparator
output
(General-purpose
output ports)
These pins are for phase comparator
tristate output.
DO1 and DO2 are output in parallel.
(On the TC9256APG and TC9256AFG,
DO2 can be switched for use as a
general-purpose output port.)
15
(12)
GND
12
(9)
VDD
Power supply pins
Applies 5.0 V
± 10%.
⎯
Note 1: Pin numbers 1 to 8 are common to the TC9256APG, TC9256AFG, TC9257APG and TC9257AFG.
Note 2: Pin names and numbers in parentheses apply to the TC9256APG and TC9256AFG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com