Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TC9256AFG Datasheet HTML 19Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 20Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 21Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 22Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 23Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 24Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 25Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 26Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
23
Other Control Bits
1.
CLK (O4C) and C5 (XT) Bits ................... Control bits that switch the function for the
I/O-5/CLK pin on the TC9257APG and
TC9257AFG, and the OT-4/DO2 pin on the
TC9256APG and TC9256AFG.
(1)
On the TC9257APG and TC9257AFG, the CLK bit controls switching of the I/O-5 pin and CLK pin.
• When bits R0 to R3 of the input register (D0H) are all set to “1” (standby mode)
• When one of bits R0 to R3 of the input register (D0H) is set to “0” (not standby mode)
Note1:
The system clock output marked with an asterisk “(*)” refers to output of the crystal oscillator
frequencies listed below.
Crystal Oscillator (MHz)
System Clock (kHz)
Duty (%)
10.8
7.2
3.6
600
4.5
750
50
Note2:
Bit names in parentheses “(
)” apply to the TC9256APG and TC9256AFG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com