Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button TC9256AFG Datasheet HTML 16Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 17Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 18Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 19Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 20Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 21Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 22Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 23Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
20
Lock Detection Bits
The lock detection bits detect locked states in the PLL system. These systems have an unlock detection bit
(unlock bit), which is used to detect, using the reference frequency cycle, the phase difference between the
reference frequency and the divided output of the programmable counter. These systems also have phase error
detection bits (bits PE1to PE3), which are capable of more precise detection (
±0.55 µs to ±7.15 µs).
1.
Unlock Detection Bit (UNLOCK)
This bit detects, using the reference frequency cycle, the phase difference between the reference
frequency and the divided output of the programmable counter. When there is no lock, that is, when the
reference frequency and the divided output of the programmable counter are not the same, unlock F/F is
set.
Unlock F/F is reset every time the input register (D2H) unlock reset bit (RESET) is set to “1”.
After unlock F/F has been reset in this way, locked state can be detected by checking the unlock detection
bit (UNLOCK) of the output register (D3H). After unlock F/F has been reset, the unlock detection bit must
be checked after a time interval exceeding the reference frequency cycle. This is because the reference
frequency cycle inputs the lock detection strobe to unlock F/F. If the time interval is short, the correct
locked state cannot be detected. Therefore, the output register (D3H) has a lock enable bit (ENABLE). This
bit is reset every time the input register (D2H) reset bit is set to “1”, and set to “1” through the lock
detection timing. That is, the locked state is correctly detected when the lock enable bit (ENABLE) is “1”.
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com