Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button TC9256AFG Datasheet HTML 23Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 24Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 25Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 26Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 27Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 28Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 29Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 30Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
27
DO1, DO2
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ
Max
Unit
“H” level
IOH3
VOH = 4.0 V
−2.0
−4.0
⎯
Input current
“L” level
IOL3
⎯
VOL = 1.0 V
2.0
4.0
⎯
mA
Tristate lead current
ITL
⎯
VTLH = 5 V, VTLL = 0 V
⎯
⎯
±1.0
µA
XT
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ
Max
Unit
“H” level
IOH2
VOH = 4.0 V
−0.1
−0.3
⎯
Output current
“L” level
IOL2
⎯
VOL = 1.0 V
0.1
0.3
⎯
mA
Input feedback resistance
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ
Max
Unit
Rf1
FMIN, AMIN, IFIN (Ta = 25°C)
350
700
1400
Input feedback resistance
Rf2
⎯
XT- XT (Ta
= 25°C)
500
1000
4000
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com