Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC9256AFG Datasheet HTML 4Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 5Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 6Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 7Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 8Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 9Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 10Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 11Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
8
Crystal Oscillator Pins (XT, XT )
As Figure 2 shows, the clock required for internal operation is produced by connecting a crystal oscillator
between capacitors. Use the crystal oscillator selection bit to select an oscillating frequency of 3.6 MHz, 4.5 MHz,
7.2 MHz or 10.8 MHz to match that of the crystal oscillator being used.
C
= 30 pF typ.
Note:
3.6 MHz (OSC1
= “0” and OSC2 = “0”) is set when power is turned on. The crystal is not oscillating at this
time because the system is in standby mode.
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com