Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC9256AFG Datasheet HTML 1Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 2Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 3Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 4Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 5Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 6Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 7Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 8Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC9256APG, TC9256AFG, TC9257APG,
TC9257AFG
PLL for DTS
The TC9256APG, TC9256AFG, TC9257APG and TC9257AFG
are phase-locked loop (PLL) LSIs for digital tuning systems (DTS)
with built-in two-modulus prescalers.
All functions are controlled through three serial bus lines.
These LSIs are used to configure high-performance digital
tuning systems.
Features
•
Suitable for use in digital tuning systems in high-fi tuners and
car stereos.
•
Built-in prescalers operate at an input frequency ranging from
30 to 150 MHz during FMIN input (with two-modulus
prescaler) and at 0.5 to 40 MHz during AMIN input (with
two-modulus prescaler or direct dividing)
•
16-bit programmable counter, dual parallel output phase
comparator, crystal oscillator and reference counter
•
3.6 MHz, 4.5 MHz, 7.2 MHz or 10.8 MHz crystal oscillators
can be used.
•
15 possible reference frequencies (when using 4.5 MHz
crystal):ref. = 0.5 k, 1 k, 2.5 k, 3 k, 3.125 k, 3.90625 k, 5 k, 6.25
k, 7.8125 k, 9 k, 10 k, 12.5 k, 25 k, 50 k and 100 kHz.
•
Built-in 20-bit general-purpose counter for such uses as
measuring intermediate frequencies (IFIN1 and IFIN2) and
low-frequency pilot signal cycles (SCIN). (No cycle
measurement function is available on the TC9256APG and
TC9256AFG.)
•
High-precision (±0.55 to ±7.15 µs) PLL phase error detection
•
Numerous general-purpose I/O pins for such uses as
peripheral circuit control
•
Four N-channel open-drain output ports (OFF withstanding
voltage: 12 V) for such uses as control signal output.
(TC9256APG and TC9256AFG have only three ports.)
•
Standby mode function (turns off FM, AM and IF amps) to
save current consumption
•
All functions controlled through three serial bus lines
•
CMOS structure with operating power supply range of VDD =
5.0 ± 0.5 V.
• 16-pin DIP (TC9256APG), 20-pin DIP (TC9257APG), 16-pin
SOP (TC9256AFG), 20-pin SOP (TC9257AFG) packages
TC9256APG
TC9257APG
TC9256AFG
TC9257AFG
Weight
P-DIP16-300-2.54A: 1.0 g (typ.)
P-DIP20-300-2.54A: 1.24 g (typ.)
P-SOP16-300-1.27A: 0.16 g (typ.)
P-SOP20-300-1.27A: 0.48 g (typ.)


Similar Part No. - TC9256AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9256F TOSHIBA-TC9256F Datasheet
1Mb / 33P
PLL FOR DTS
TC9256P TOSHIBA-TC9256P Datasheet
1Mb / 33P
PLL FOR DTS
More results

Similar Description - TC9256AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN Datasheet
763Kb / 18P
PLL FOR DTS
TB2118F TOSHIBA-TB2118F Datasheet
818Kb / 19P
HIGH SPEED PLL FOR DTS
TC9216P TOSHIBA-TC9216P Datasheet
940Kb / 22P
HIGH SPEED PLL FOR DTS
TC9256P TOSHIBA-TC9256P Datasheet
1Mb / 33P
PLL FOR DTS
logo
Silan Microelectronics ...
SC9257 SILAN-SC9257 Datasheet
1,019Kb / 28P
PLL FOR DTS
SC9256 SILAN-SC9256 Datasheet
223Kb / 24P
PLL FOR DTS
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
PLL For DTS
TB2118F TOSHIBA-TB2118F_02 Datasheet
315Kb / 20P
High Speed PLL For DTS
TB2118FG TOSHIBA-TB2118FG Datasheet
345Kb / 20P
High Speed PLL For DTS
logo
Silan Microelectronics ...
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
PLL FOR DIGITAL TUNING SYSTEM(DTS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com