Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 25 Page - Toshiba Semiconductor

Back Button TC9256AFG Datasheet HTML 21Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 22Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 23Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 24Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 25Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 26Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 27Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 28Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
25
Absolute Maximum Ratings (Ta
= 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VDD
−0.3~6.0
V
Input voltage
VIN
−0.3~VDD + 0.3
V
N-ch open-drain OFF withstanding
voltage
VOFF
13
V
Power dissipation
PD
300 (200)
mW
Operating temperature
Topr
−40~85
°C
Storage temperature
Tstg
−65~150
°C
(
): Flat package
Electrical Characteristics (unless otherwise specified, Ta
= −40 to 85°C, VDD = 4.5 to5.5 V)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ
Max
Unit
Operating power supply voltage
VDD1
⎯
PLL operation
(normaloperation)
4.5
5.0
5.5
V
Operating power supply current
IDD1
⎯
VDD = 5.0 V, XT = 10.8 MHz,
FMIN = 150 MHz
⎯
7
15
mA
Standby mode
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ
Max
Unit
Crystal oscillation frequency supply
voltage
VDD2
⎯
PLL OFF
(operating crystal oscillation)
4.0
5.0
5.5
V
Operating power supply current
IDD2
⎯
VDD = 5.0 V, XT = 10.8 MHz,
PLL OFF
⎯
0.8
1.5
mA
Operating power supply current
IDD3
⎯
VDD = 5.0 V, XT stop,
PLL OFF
⎯
120
240
µA
Operating frequency range
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ
Max
Unit
Crystal oscillation frequency
fXT
⎯
Connect crystal resonator to
XT- XT pin
3.6
~
10.8
MHz
FMIN (FMH, FML)
fFM
⎯
FMH, FML mode,
VIN = 0.2 Vp-p
30
~
130
MHz
FMIN (FML)
fFML
⎯
FML mode, VIN = 0.3 Vp-p
30
~
150
MHz
AMIN (HF)
fHF
⎯
HF mode, VIN = 0.2 Vp-p
1
~
40
MHz
AMIN (LF)
fLF
⎯
LF mode, VIN = 0.2 Vp-p
0.5
~
20
MHz
IFIN1, IFIN2
fIF
⎯
VIN = 0.2 Vp-p
0.1
~
15
MHz
SCIN
fSC
⎯
VIH = 0.7 VDD, VIL = 0.3 VDD,
Square wave input
⎯
~
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com