Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC9256AFG Datasheet HTML 1Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 2Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 3Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 4Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 5Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 6Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 7Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 8Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
3
Pin Function
Pin No.
Symbol
Pin Name
Function
Circuit Diagram
1
XT
2
XT
Crystal oscillator
pins
Connects a 3.6 MHz, 4.5 MHz, 7.2 MHz
or 10.8 MHz crystal oscillator to supply
reference frequency and internal clock.
3
PERIOD
Period signal input
4
CLOCK
Clock signal input
5
DATA
Serial data
input/output
Serial I/O ports. These pins transfer data
to and from the controller to set divisors
and dividing modes, and to control the
general-purpose counter and
general-purpose I/O ports.
6
OT-1
7
OT-2
8
OT-3
9
(
⎯)
OT-4
General-purpose
output ports
N-channel open drain port pins, for such
uses as control signal output.
These pins are set to the OFF state when
power is turned on.
(On the TC9256APG and TC9256AFG,
OT-4 can be used as a CMOS output pin
by being switched with DO2.)
10
(
⎯)
I/O-5/CLK
11
(
⎯)
I/O-6
General-purpose I/O
ports
The CMOS structure allows free use of
these ports for input or output. Ports are
set for input when the power is turned on.
On the TC9257APG and TC9257AFG,
I/O-5 can be switched for use as a
system clock output pin.
13
(10)
AMIN
14
(11)
FMIN
Programmable
counter input
These pins input FM and AM band local
oscillator signals.. These pins feature
built-in amps. Connecting a capacitor
permits low-amplitude operation.
16
(13)
I/O-9 (-6)
/IFIN2
17
(14)
I/O-8 (-5)
/IFIN1
General-purpose I/O
ports
/General-purpose
counter frequency
measurement input
General-purpose I/O port input/output
pins. Can be switched for use as input
pins to measure general-purpose counter
frequencies. The frequency
measurement function has such uses as
measuring intermediate frequencies (IF).
These pins feature built-in amps.
Connecting a capacitor permits
low-amplitude operation.
Note: These pins are set for input when
power is turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com